Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM137 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Serial Data Interface
The serial-in data (DAI) will be clocked into 16 bit shift register synchronized on the rising
edge of the clock (CLK). The data ‘1’ represents the corresponding current output ‘ON’, while the
data ‘0’ stands for ‘OFF’. The data will be transferred into the 16 bit latch synchronized on the rising
edge of the strobe signal (LAT); otherwise, the data will be latched. The latch pulse should be sent
after the falling edge of the last clock within a frame data.
The trigger timing of the serial-out data (DAO) can be selected by the SDO pin. When SDO is
set to ‘H’, the data will be shifted out on synchronization to the falling edge of the clock (CLK). And
when SDO is set to ‘L’, the data will be shifted out on synchronization to the rising edge of the
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com