Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM137 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Maximum Ratings (Ta=25°C, Tj(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VCC+0.3
V
Output Current
IOUT
100
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Input Clock Frequency
FCKI
25
MHz
GND Terminal Current
IGND
1600
mA
1.1 ( SSOP28 : Ta=25
°C)
2.11 ( HSOP28 : Ta=25
°C)
Power Dissipation
(4 layer PCB)
PD
3.18 ( QFN32 : Ta=25
°C)
W
113.3 (SSOP28 )
59.1 (HSOP28 )
Thermal Resistance
Rth(j-a)
39.3 ( QFN32 )
°C/W
Operating Temperature
Top
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
⎯
3.3
5.0
5.5
V
Output Voltage
VOUT
Driver On
*1
1.0
⎯
0.5VCC
Output Voltage
VOUT
Driver Off
*2
⎯
⎯
17
V
IO
OUTn
5
⎯
90
IOH
VOH = VCC – 0.2 V
⎯
⎯
+1.6
Output Current
IOL
VOL = 0.2 V
⎯
⎯
-
1.5
mA
VIH
0.8VCC
⎯
VCC
Input Voltage
VIL
VCC = 3.3 V ~ 5.5V
0.0
⎯
0.2VCC
V
Single Chip Operation
25
Cascade Operation
(SDO=’H’, CL=13pF)
15
Input Clock Frequency
FCKI
Cascade Operation
(SDO=’L’, CL=13pF)
⎯
⎯
25
MHz
LAT Pulse Width
tw LAT
15
⎯
⎯
CLK Pulse Width
tw CLK
15
⎯
⎯
EN Pulse Width
tw EN
15
⎯
⎯
OS Pulse Width
tw OS
15
⎯
⎯
Set-up Time for DAI
tsetup(D)
10
⎯
⎯
Hold Time for DAI
thold(D)
10
⎯
⎯
Set-up Time for LAT
tsetup(L)
10
⎯
⎯
Hold Time for LAT
thold(L)
10
⎯
⎯
Set-up Time for OS
tsetup(O)
25
⎯
⎯
Open/Short Detection Response
tdet
VCC = 5.0V
100
⎯
⎯
ns
*1 Notice that the power dissipation is limited to its package and ambient temperature.
*2 The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com