Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM137 Datasheet(PDF) 21 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 21 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 24Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 25Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 20
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
D
DETAIL A
C
θ2
R
R1
GAUGE PLANE
DETAIL A
L
θ1
θ
ZD
B
e
0.1MM
C
SEATING PLANE
NOTES: DIMENSION D DOES NOT INCLUDE MODE PROTRUSIONS
OR GATE BURRS.
MOLD PROTRUSIONS AND GATE BURRS SHALL NOT EXCEED
0.006 INCH PER SIDE
JEDEC
θ2
θ1
θ
R
R1
ZD
h
L
E1
E
D
e
C
B
A2
A1
A
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
DIMENSION IN MM
DIMENSION IN INCH
1.35
1.63
1.75
0.053
0.064
0.069
0.1
0.15
0.25
0.004
0.006
0.01
1.5
0.059
0.2
0.3
0.008
0.012
0.18
0.25
0.007
0.01
0.635 BASIC
0.025 BASIC
9.80
9.91
10.01
0.386
0.39
0.394
5.79
5.99
6.20
0.228
0.236
0.244
3.81
3.91
3.99
0.150
0.154
0.157
0.41
0.635
1.27
0.016
0.025
0.05
0.25
0.5
0.01
0.02
0.838 REF
0.033 REF
0.2
0.33
0.008
0.013
0.2
0.008
0
8
0
8
0
0
5
10
15
5
10
15
MO - 137 (AF)
Package Outline Dimension
DM137-SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com