Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIGFOX-API Datasheet(PDF) 1 Page - ON Semiconductor

Part # AX-SIGFOX-API
Description  Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIGFOX-API Datasheet(HTML) 1 Page - ON Semiconductor

  AX-SIGFOX-API Datasheet HTML 1Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 2Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 3Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 4Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 5Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 6Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 7Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 8Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2016
March, 2016 − Rev. 3
1
Publication Order Number:
AX−SIGFOX/D
AX-SIGFOX
Ultra-Low Power,
AT Command Controlled,
Sigfox) Compliant
Transceiver IC for Up-Link
and Down-Link
OVERVIEW
Circuit Description
AX−Sigfox is an ultra−low power single chip solution for
a node on the Sigfox network with both up− and down−link
functionality. The AX−Sigfox chip is delivered fully ready
for operation and contains all the necessary firmware to
transmit and receive data from the Sigfox network in
Europe. It connects to the customer product using a logic
level RS232 UART. AT commands are used to send frames
and configure radio parameters.
Features
Functionality and Ecosystem
• Sigfox up−link and down−link functionality controlled
by AT commands
• The AX−Sigfox IC is part of a whole development and
product ecosystem available from ON Semiconductor
for any Sigfox requirement. Other parts of the
ecosystem include
♦ Ready to go AX−Sigfox development kit with fully
functional AX−Sigfox module including Sigfox
subscription
♦ Sigfox Ready® certified reference design for the
AX−Sigfox IC
♦ MiniStamp by ON Semiconductor Sigfox modules
with SMA connector or chip antenna
♦ AX−Sigfox−API IC for customers wishing to write
their own application software based on the AXSEM
Sigfox Library
General Features
• QFN40 5 mm x 7 mm package
• Supply range 1.8 V − 3.6 V
• −40°C to 85°C
• Temperature sensor
• Supply voltage measurements
• 10 GPIO pins
♦ 4 GPIO pins with selectable voltage measure
functionality, differential (1 V or 10 V range) or
single ended (1 V range) with 10 bit resolution
♦ 2 GPIO pins with selectable sigma delta DAC
output functionality
♦ 2 GPIO pins with selectable output clock
♦ 3 GPIO pins selectable as SPI master interface
♦ Integrated RX/TX switching with differential
antenna pins
Power Consumption
• Ultra−low Power Consumption:
♦ Charge required to send a Sigfox OOB packet at
14 dBm output power: 0.28 C
♦ Deepsleep mode current: 100 nA
♦ Sleep mode current: 1.3
mA
♦ Standby mode current: 0.5 mA
♦ Continuous radio RX−mode at 869.525 MHz :
10 mA
♦ Continuous radio TX−mode at 868.130 MHz
19 mA @ 0 dBm
49 mA @ 14 dBm
High Performance Narrow−band Sigfox RF Transceiver
• Receiver
♦ Carrier frequency 869.525 MHz
♦ Data−rate 600 bps FSK
♦ Sensitivity
−126 dBm @ 600 bps, 869.525 MHz, GFSK
♦ 0 dBm maximum input power
• Transmitter
♦ Carrier frequency 868.13 MHz
♦ Data−rate 100 bps PSK
♦ High efficiency, high linearity integrated power
amplifier
♦ Maximum output power 14 dBm
♦ Power level programmable in 1 dBm steps
Applications
Sigfox networks up−link and down−link.
www.onsemi.com


Similar Part No. - AX-SIGFOX-API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX-1 ONSEMI-AX-SIGFOX-1 Datasheet
388Kb / 30P
Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS_16 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
More results

Similar Description - AX-SIGFOX-API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
logo
Maxim Integrated Produc...
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
logo
ON Semiconductor
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
logo
Maxim Integrated Produc...
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com