Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIGFOX-API Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX-SIGFOX-API
Description  Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIGFOX-API Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX-SIGFOX-API Datasheet HTML 9Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 10Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 11Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 12Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 13Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 14Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 15Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 16Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AX−SIGFOX
www.onsemi.com
13
Table 10. COMMANDS
Command
Description
Name
AT$I=uint
Information
Display various product information:
0: Software Name & Version
Example Response: AX−Sigfox 1.0.6−ETSI
1: Contact Details
Example Response: support@axsem.com
2: Silicon revision lower byte
Example Response: 8F
3: Silicon revision upper byte
Example Response: 00
4: Major Firmware Version
Example Response: 1
5: Minor Firmware Version
Example Response: 0
6: Firmware Revision
Example Response: 3
7: Firmware Variant (Frequency Band etc. (EU/US))
Example Response: ETSI
8: Firmware VCS Version
Example Response: v1.0.2−36
9: SIGFOX Library Version
Example Response: DL0−1.4
10: Device ID
Example Response: 00012345
11: PAC
Example Response: 0123456789ABCDEF
AT$P=uint
Set Power Mode
To conserve power, the AX−Sigfox can be put to sleep manually.
Depending on power mode, you will be responsible for waking up the
AX−Sigfox again!
0: software reset (settings will be reset to values in flash)
1: sleep (send a break to wake up)
2: deep sleep (toggle GPIO9 or RESET_N pin to wake up;
the AX−SIgfox is not running and all settings will be reset!)
AT$WR
Save Config
Write all settings to flash (RX/TX frequencies, registers) so they
survive reset/deep sleep or loss of power.
Use AT$P=0 to reset the AX−Sigfox and load settings from flash.
AT:Pn?
Get GPIO Pin
Return the setting of the GPIO Pin n; n can range from 0 to 9.
A character string is returned describing the mode of the pin, fol-
lowed by the actual value. If the pin is configured as analog pin, then
the voltage (range 0…1 V) is returned. The mode characters have
the following meaning:
Mode
Description
0
Pin drives low
1
Pin drives high
Z
Pin is high impedance input
U
Pin is input with pull−up
A
Pin is analog input (GPIO pin 0…3 only)
T
Pin is driven by clock or DAC (GPIO pin 0 and 4 only)
The default mode after exiting reset is U on all GPIO pins.
AT:Pn=?
Get GPIO Pin Range
Print a list of possible modes for a pin. The table below lists the
response.
Pin
Modes
P0
0, 1, Z, U, A, T
P1
0, 1, Z, U, A
P2
0, 1, Z, U, A
P3
0, 1, Z, U, A
P4
0, 1, Z, U, T
P5
0, 1, Z, U
P6
0, 1, Z, U
P7
0, 1, Z, U
P8
0, 1, Z, U
P9
0, 1, Z, U
AT:Pn=mode
Set GPIO Pin
Set the GPIO pin mode.
For a list of the modes see the command AT:Pn?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com