Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SIGFOX-API Datasheet(PDF) 12 Page - ON Semiconductor

Part # AX-SIGFOX-API
Description  Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIGFOX-API Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AX-SIGFOX-API Datasheet HTML 8Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 9Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 10Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 11Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 12Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 13Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 14Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 15Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AX−SIGFOX
www.onsemi.com
12
This sends a Sigfox frame containing { 0xAA : 0xBB : 0x12
: 0x34 } without waiting for a response telegram.
AT$CB=0xAA,1
OK
The ‘CB’ command sends out a continuous pattern of bits,
in this case 0xAA = 0b10101010.
AT$P=1
OK
This transitions the device into sleep mode. Out−of−band
transmissions will still be triggered. The UART is powered
down. The device can be woken up by a low level on the
UART signal, i.e. by sending break.
Table 10. COMMANDS
Command
Name
Description
AT
Dummy Command
Just returns ‘OK’ and does nothing else. Can be used to check com-
munication.
AT$SB=bit[,bit]
Send Bit
Send a bit status (0 or 1). Optional bit flag indicates if AX−Sigfox
should receive a downlink frame.
AT$SF=frame[,bit]
Send Frame
Send payload data, 1 to 12 bytes. Optional bit flag indicates if
AX−Sigfox should receive a downlink frame.
AT$SO
Manually send out of band
message
Send the out−of−band message.
ATSuint?
Get Register
Query a specific configuration register’s value. See chapter
“Registers” for a list of registers.
ATSuint=uint
Set Register
Change a configuration register.
AT$IF=uint
Set TX Frequency
Set the output carrier macro channel for Sigfox frames.
AT$IF?
Get TX Frequency
Get the currently chosen TX frequency.
AT$DR=uint
Set RX Frequency
Set the reception carrier macro channel for Sigfox frames.
AT$DR?
Get RX Frequency
Get the currently chosen RX frequency.
AT$CW=uint,bit[,uint_opt]
Continuous Wave
To run emission tests for Sigfox certification it is necessary to send a
continuous wave, i.e. just the base frequency without any modula-
tion. Parameters:
Name
Range
Description
Frequency
800000000−
Continuous wave frequency in Hz.
999999999, 0 Use 868130000 for Sigfox or 0 to
keep previous frequency.
Mode
0, 1
Enable or disable carrier wave.
Power
0−14
dBm of signal | Default: 14
AT$CB=uint_opt,bit
Test Mode: TX constant byte
For emission testing it is useful to send a specific bit pattern. The
first parameter specifies the byte to send. Use ‘−1’ for a
(pseudo−)random pattern. Parameters:
Name
Range
Decsription
Pattern
0−255, −1
Byte to send. Use ‘−1’ for a
(pseudo−)random pattern.
Mode
0, 1
Enable or disable pattern test mode.
AT$T?
Get Temperature
Measure internal temperature and return it in 1/10th of a degree
Celsius.
AT$V?
Get Voltages
Return current voltage and voltage measured during the last
transmission in mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com