Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8538JS Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8538JS
Description  Micropower Sampling 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8538JS Datasheet(HTML) 2 Page - Sipex Corporation

  SP8538JS Datasheet HTML 1Page - Sipex Corporation SP8538JS Datasheet HTML 2Page - Sipex Corporation SP8538JS Datasheet HTML 3Page - Sipex Corporation SP8538JS Datasheet HTML 4Page - Sipex Corporation SP8538JS Datasheet HTML 5Page - Sipex Corporation SP8538JS Datasheet HTML 6Page - Sipex Corporation SP8538JS Datasheet HTML 7Page - Sipex Corporation SP8538JS Datasheet HTML 8Page - Sipex Corporation SP8538JS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SP8538DS/01
SP8538 Micropower Sampling 12-Bit A/D Converter
© Copyright 1999 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability.
(TA=+25˚C unless otherwise noted) .....................................................
VCC to GND ................................................................................. 7.0V
Vin to GND .............................................................. -0.3 to VCC +0.3V
Digital input to GND ................................................ -0.3 to VCC +0.3V
Digital output to GND .............................................. -0.3 to VCC +0.3V
Operating Temperature Range
Commercial (J, K Version) ........................................... 0˚C to 70˚C
Industrial (A, B Version) .......................................... -40˚C to +85˚C
Lead Temperature (Solder 10Sec) ............................................ +300˚C
Storage Temperature .................................................. -65˚C to +150˚C
Power Dissipation to 70˚C ........................................................ 500mW
SPECIFICATIONS
Unless otherwise noted the following specifications apply for VCC=5V or 3.3V with limits applicable for Tmin to Tmax. Typical applies for Ta=25˚C.
VCC=5.0V
VCC=3.3V
PARAMETERS
MIN. TYP. MAX. MIN. TYP. MAX.
UNITS
CONDITIONS
DC ACCURACY
Resolution
12
12
Bits
Integral Linearity
J,A
+0.6 +2.0
+0.6 +2.0
LSB
K,B
+0.6 +1.0
+0.6 +1.0
LSB
Differential Linearity Error
J,A
+0.75 +2.0
+0.75 +2.0
LSB
K,B
+0.75 +1.0
+0.75 +1.0
LSB
No Missing Codes
Gain Error
J,A
+2.0 +10
+2.0 +10
LSB
K,B
+2.0
+8
+2.0
+8
LSB
Offset Error
J,A
+1.5
+5
+3.0
+8
LSB
K,B
+1.5
+3
+3.0
+5
LSB
ANALOG INPUT
Input Signal FS Range
0
V
CC
0V
CC
Input Impedance
On Channel
20
20
pF
In Parallel with 100m
Ω
100
100
M
Ω
Off Channel
3
3
pF
In Parallel with 100m
Ω
100
100
M
Ω
Input Bias Current
.001
1
.001
1
µA
Analog Input Range
-.05
V
CC+.05 -.05
V
CC+.05
Volts
MULTIPLEXER
Crosstalk (f
D = Nyquist)
-90
-90
dB
Off to On Channel
Feedthrough (f
D = Nyquist)
-90
-90
dB
Off to On Channel
f
D= Disturbance
CONVERSION SPEED
Sample Time
1.5
1.5
clock
See Timing Diagrams
cycles
Conversion Time
12
12
clock
See Timing Diagrams
cycles
Complete Cycle
25
5.85
kHz
See Timing Diagrams
Clock Period
2.25
10.0
µS
See Timing Diagrams
Clock High Time
1.0
4.5
µS
See Timing Diagrams
Clock Low Time
1.0
4.5
µS
See Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com