Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8538JS Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP8538JS
Description  Micropower Sampling 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8538JS Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP8538JS Datasheet HTML 2Page - Sipex Corporation SP8538JS Datasheet HTML 3Page - Sipex Corporation SP8538JS Datasheet HTML 4Page - Sipex Corporation SP8538JS Datasheet HTML 5Page - Sipex Corporation SP8538JS Datasheet HTML 6Page - Sipex Corporation SP8538JS Datasheet HTML 7Page - Sipex Corporation SP8538JS Datasheet HTML 8Page - Sipex Corporation SP8538JS Datasheet HTML 9Page - Sipex Corporation SP8538JS Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SP8538DS/01
SP8538 Micropower Sampling 12-Bit A/D Converter
© Copyright 1999 Sipex Corporation
6
1.6 mS
6.25
µA
2.5%
The device can be configured such that it
delivers serial data MSB first requiring 17 clock
periods for a full conversion. Alternately, the
device can be programmed to deliver 12 bits of
data MSB first, followed by the same 12 bits of
data LSB first. This sequence will require 28
clock periods to complete. Please refer to the
timing diagram.
Circuit Operation
The device will ignore any leading zeros
applied to the DIN pin even if CS is low. After
Chip Select Bar (CS) is brought low and the
START bit is clocked in to the converter, the
conversion sequence is initiated. Three
additional bits are clocked in immediately
following the START bit: SGL/DIFF, ODD/
SIGN & MSBF. The second and third bits
clocked in determine the MUX configuration
(see MUX addressing table). The fourth bit
determines the data output format (MSB first
or LSB first). Please refer to the timing diagram.
The SGL/DIFF bit when zero sets the input
MUX for full differential mode and when one,
sets the input MUX for single ended mode. The
ODD/SIGN bit when zero sets channel zero as
the positive input (ground referred for single
ended operation and referred to channel one in
differential mode). With the ODD/SIGN bit one,
channel one will be the positive input (ground
referred for single ended operation and referred
to channel zero in differential mode).
With MSBF set to one, the output data stream
will be MSB through LSB, with MSBF set to
zero the output data stream will be MSB through
LSB followed by the same data in LSB through
MSB format.
The SP8538 is a SAR converter with full
differential multiplexed front end, capacitive
DAC, precision comparator, Successive
Approximations Register, control logic and data
output register. After the input is sampled and
held the conversion process begins. The DAC
MSB is set and its output is compared with the
signal input, if the DAC output is less than the
input, the comparator outputs a one which is
latched into the SAR and simultaneously made
available at the ADC serial output pin. Each bit
is tested in a similar manner until the SAR
contains a code which represents the signal input
to within +1/2 LSB. During this process the SAR
content has been shifted out of the ADC serially.
If the MSB first format was chosen, the data will
appear at the DOUT pin MSB through LSB in 17
clock periods. If the LSB first format was chosen
then during conversion the data will appear at the
DOUT pin just as before (MSB through LSB) but
the LSB will be followed by D1, D2 through the
MSB. This sequence will require 28 clock
periods. Note that the Chip Select Bar pin must
be toggled high between conversions. The DOUT
pin will be in a high impedance state whenever
Chip Select Bar is high. After Chip Select Bar
has been toggled and brought low again, the
converter is ready to accept another START bit
and begin a new conversion.
Full Differential Sampling
The SP8538 can be configured for single-ended
sampling (i.e. CH0-ground or CH1-ground) or
full differential sampling (CH0-CH1 or
CH1-CH0). In the full differential sampling
configuration, both inputs are sampled and held
simultaneously. Because of the balanced
differential sampling, dynamic common mode
noise riding along the input signal is cancelled
above and beyond DC noise. This is a significant
improvement over psuedo-differential sampling
schemes, where the low side of the input must
remain constant during the conversion, and
therefore only DC noise (i.e. signal offset) is
cancelled. If AC common mode noise is left to
be converted along with the differental
component, the output signal will be degraded.
Full differential sampling allows flexibility in
converting the input signal. If the signal
low- side is already tied to a ground elsewhere
in the system, it can be hardwired to the low
side channel (i.e. CH0 or CH1) which acts as a
signal ground sense, breaking a potential ground
loop. It is also possible to drive the inputs bal-
anced differential, as long as both inputs are
within the power rails. In this configuration, both
the high and low signals have the same
impedance looking back to ground, and
therefore pick up the same noise along the
physical path from signal source (i.e. sensor,
transducer, battery) to converter. This noise
becomes common mode, and is cancelled out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com