Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8538JS Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8538JS
Description  Micropower Sampling 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8538JS Datasheet(HTML) 4 Page - Sipex Corporation

  SP8538JS Datasheet HTML 1Page - Sipex Corporation SP8538JS Datasheet HTML 2Page - Sipex Corporation SP8538JS Datasheet HTML 3Page - Sipex Corporation SP8538JS Datasheet HTML 4Page - Sipex Corporation SP8538JS Datasheet HTML 5Page - Sipex Corporation SP8538JS Datasheet HTML 6Page - Sipex Corporation SP8538JS Datasheet HTML 7Page - Sipex Corporation SP8538JS Datasheet HTML 8Page - Sipex Corporation SP8538JS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SP8538DS/01
SP8538 Micropower Sampling 12-Bit A/D Converter
© Copyright 1999 Sipex Corporation
4
PIN ASSIGNMENTS
Pin 1- CS - Chip Select.
Pin 2- CH0 - Channel 0
Pin 3- CH1 - Channel 1
Pin 4- GND - Ground
Pin 5- D
IN - Data In
Pin 6 - D
OUT - Data Out
Pin 7- SCLK - Serial Clock
Pin 8- V
CC/VREF - Supply & Reference Voltage
PIN DESCRIPTION
SPECIFICATIONS (cont.)
Recommended Operating Conditions
VCC=5.0V
VCC=3.3V
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
V
CC
Supply Voltage
+3.0
+5.0
+5.5
+3.0
+3.3
+5.5
Volts
f
CLK
Clock Frequency
444
100
kHz
t
CVC
Total Cycle Time
40
170
µS
t
hDI
Hold Time D
IN After
50
0
50
0
nS
CLK^
t
suCS
Setup Time CSv
100
150
nS
Before CLK^
t
suDI
Setup Time, D
IN
100
10
150
nS
Stable Before CLK^
t
WHCLK
CLK High Time
1
4.5
µS
T
WHCLK
CLK Low Time
1
4.5
µS
T
WHCS
CS High Time between
100
150
nS
Data Transfers Cycles
CS
CH0
CH1
GND
VCC/VREF
SCLK
DOUT
DIN
1
2
3
4
8
7
6
5
SP8538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com