Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7222 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7222
Description  3V AM/FM ONE-CHIP RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7222 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7222 Datasheet HTML 1Page - STMicroelectronics TDA7222 Datasheet HTML 2Page - STMicroelectronics TDA7222 Datasheet HTML 3Page - STMicroelectronics TDA7222 Datasheet HTML 4Page - STMicroelectronics TDA7222 Datasheet HTML 5Page - STMicroelectronics TDA7222 Datasheet HTML 6Page - STMicroelectronics TDA7222 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
9
V
ILED
LED Current
10
mA
VLED
LED Voltage
10
V
Toper
Operating Temperature
-20, +70
oC
Tstg
Storage Temperature
-55, +150
oC
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
1.8 to 7
V
Toper
Operating Temperature
0, +70
oC
ELECTRICAL CHARACTERISTICS (unless otherwise specified)
TA =25
oC, VCC = 3V
F/E
: f = 83MHz, fm = 1kHz
FM IF : f = 10.7MHz,
∆f= ± 22.5kHz, fm = 1kHz
AM
: f = 1MHz, MOD = 30%, fm = 1kHz
MPX
: fm = 1kHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICC (FM)
Supply Current
VIN = 0, FM mode
13.2
20
mA
ICC (AM)
VIN = 0, AM mode
8.4
13.5
mA
VIN (lim)
F/E
Input Limiting Voltage
- 3dB limiting
10.0
dB
µ
VOSC
Local OSC Voltage
fOSC = 72.3MHz
105
mVRMS
VIN (lim) IF
FM
IF
Input Limiting Voltage
- 3dB limiting
40
46
53
dB
µ
VOD
Recovered Output Voltage
VIN = 80dB
µ
55
80
110
mVRMS
S/N
Signal to Noise Ratio
VIN = 80dB
µ
70
dB
THD
Total Harmonic Distortion
VIN = 80dB
µ
0.4
%
AMR
AM Rejection Ratio
VIN = 80dB
µ
32
dB
VL
Lamp ON Sensitivity
IL = 1mA
45
51
56
dB
µ
GV
AM
Gain
VIN = 26dB
µ
40
70
110
mVRMS
VOD
Recovered Output Voltage
VIN = 60dB
µ
55
80
110
mVRMS
S/N
Signal to Noise Ratio
VIN = 60dB
µ
42
dB
THD
Total Harmonic Distortion
VIN = 60dB
µ
1.0
%
VL
Lamp ON Sensitivity
IL = 1mA
20
25
30
dB
µ
R19
Pin 19 Output Resistance
FM mode
AM mode
0.75
12.75
k
k
RIN
MPX
Input Resistance
24
k
ROUT
Output Resistance
5
k
VIN (Max.)
Stereo
Max. Composite Signal Input Voltage
L + R = 90%, P = 10%
fm = 1kHz, THD = 3%
350
mVRMS
Sep
fm = 100Hz
Separation
fm = 1kHz
fm = 10kHz
L + R = 135mVRMS
P = 15mVRMS
25
32
32
32
dB
dB
dB
THD
Monaural
Total Harmonic Distortion (monaural)
VIN = 150mVRMS
0.2
%
THD
Stereo
Total Harmonic Distortion (stereo)
L + R = 135mVRMS
P = 15mVRMS
0.2
%
GV (MPX)
Voltage Gain
VIN = 150mVRMS
-5
- 3
- 1
dB
C.B.
Channel Balance
VIN = 150mVRMS
-2
0
2
dB
TDA7222A - TDA7222AD
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com