Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7222 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7222
Description  3V AM/FM ONE-CHIP RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7222 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7222 Datasheet HTML 1Page - STMicroelectronics TDA7222 Datasheet HTML 2Page - STMicroelectronics TDA7222 Datasheet HTML 3Page - STMicroelectronics TDA7222 Datasheet HTML 4Page - STMicroelectronics TDA7222 Datasheet HTML 5Page - STMicroelectronics TDA7222 Datasheet HTML 6Page - STMicroelectronics TDA7222 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA7222A
TDA7222AD
3V AM/FM ONE-CHIP RADIO
February 1995
ADVANCE DATA
PIN CONNECTIONS
SHRINK DIP24
(Plastic Package)
ORDER CODE : TDA7222A
.
BUILT-IN FM F/E, AM/FM IF AND FM MPX
.
AM DETECTOR COIL AND IF COUPLING CA-
PACITOR ARE NOT NEEDED
.
COMPACT PACKAGE : 24-Pin Shrink
.
OPERATING SUPPLY VOLTAGE RANGE
VCC (opr) = 1.8 to 7.0V (TA =25
oC)
.
LED DRIVE CIRCUIT FOR TUNING INDICA-
TION
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
DESCRIPTION
TDA7222Aand TDA7222AD are AM/FM chip tuner
ICs, which are designed for portable radios and 3V
headphone radios.
SO28
(Plastic Micropackage)
ORDER CODE : TDA7222AD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
24
23
22
21
11
12
AM RF IN
FM RF OUT
V
FM OSC
AM OSC
DET OUT
MPX IN
LPF1
LPF2
VCO
L OUT
R OUT
FM RF IN
GND1
FM MIX
AM MIX
AGC
V
AM IF IN
FM IF IN
GND2
TUN LED
ST LED
QUAD
CC1
CC2
TDA7222A (SDIP24)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
24
23
22
21
11
12
25
13
14
28
27
26
FM RF IN
GND1
FM MIX
NOT CONNECTED
NOT CONNECTED
AM MIX
AGC
AM IF IN
FM IF IN
GND2
TUN LED
ST LED
QUAD
NOT CONNECTED
NOT CONNECTED
VCO
L OUT
R OUT
LPF2
LPF1
MPX IN
DET OUT
AM OSC
FM OSC
AM RF IN
FM RF OUT
VCC1
VCC2
TDA7222AD (SO28)
1/7


Similar Part No. - TDA7222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7220 STMICROELECTRONICS-TDA7220 Datasheet
382Kb / 16P
VERY LOW VOLTAGE AM-FM RADIO
Jun-1993
logo
First Components Intern...
TDA7220 FCI-TDA7220 Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA7220D STMICROELECTRONICS-TDA7220D Datasheet
382Kb / 16P
VERY LOW VOLTAGE AM-FM RADIO
Jun-1993
logo
First Components Intern...
TDA7221A FCI-TDA7221A Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
SINGLE-CHIP AM/FM RADIO WITH FRONT-END
Dec-1992
More results

Similar Description - TDA7222

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
One Chip AM/FM Radio with Audio Power Amplifier
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
AM/FM 1-CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
AM/FM 1 CHIP RADIO
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
One Chip AM/FM Radio with Audio Power Amplifier
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
3V AM/FM ONE CHIP TUNER IC
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
FM/AM SINGLE CHIP RADIO
logo
ARTSCHIP ELECTRONICS CO...
TDA1083 ARTSCHIP-TDA1083 Datasheet
731Kb / 8P
One Chip AM/FM Radio with Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com