Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7222 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7222
Description  3V AM/FM ONE-CHIP RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7222 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7222 Datasheet HTML 1Page - STMicroelectronics TDA7222 Datasheet HTML 2Page - STMicroelectronics TDA7222 Datasheet HTML 3Page - STMicroelectronics TDA7222 Datasheet HTML 4Page - STMicroelectronics TDA7222 Datasheet HTML 5Page - STMicroelectronics TDA7222 Datasheet HTML 6Page - STMicroelectronics TDA7222 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ELECTRICAL CHARACTERISTICS (unless otherwise specified) (continued)
TA =25
oC, VCC = 3V
F/E
: f = 83MHz, fm = 1kHz
FM IF : f = 10.7MHz,
∆f= ± 22.5kHz, fm = 1kHz
AM
: f = 1MHz, MOD = 30%, fm = 1kHz
MPX
: fm = 1kHz
Symbol
Parameter
Test Condition s
Min.
Typ.
Max.
Unit
VL (ON)
MPX
Stereo Lamp (ON) Sensitivity
Pilot Input
26
mVRMS
VL (OFF)
Stereo Lamp (OFF) Sensitivity
2
mVRMS
VH
Stereo Lamp Hysteresis
3
mVRMS
C.R.
Capture Range
P = 15mVRMS
± 3
%
S/N
Signal to Noise Ratio
70
dB
COIL DATA
Coil
N
o
f
(Hz)
L
(
µH)
CO
(pF)
QO
Turns
Wire
Ref. *
1 - 2
2 - 3
1- 3
1-4
4- 6
L1
FM RF
100M
100
2
1
2
0.5
∅ UEW
S -53T-037-202
L2
FM OSC
100M
100
2
3
4
0.5
∅ UEW
S - 0258-24
L3
AM OSC
796k
238
115
13
73
0.08
∅ UEW
S - 4147-1356-038
T1
FM MIX
10.7M
75
100
13
2
0.1
∅ UEW
S - 2153-414-041
T2
AM MIX
455k
180
120
180
15
0.08
∅ UEW
S - 2150-2162-165
T3
FM DET
10.7M
47
165
16
0.09
∅ MUEW S - 2153-4095-122
* S : Sumida Electric CO, LTD.
3
2
1
4
3
2
1
4
6
6
3
2
1
4
66
4
3
2
1
L1, L2
L3
L4
T1
T3
T2
Pin 3
V
C.F.
Pin 4
C.F.
Pin 12
VCC
V
CC
CC
VCC
VCC
VCC
61
3
4
VCC
V.C.VCC
Pin 20
Pin 24
V.C.
TDA7222A - TDA7222AD
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com