Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2425
Description  PRECISION VIRTUAL GROUND
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2425 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2425 Datasheet HTML 6Page - Texas Instruments TLE2425 Datasheet HTML 7Page - Texas Instruments TLE2425 Datasheet HTML 8Page - Texas Instruments TLE2425 Datasheet HTML 9Page - Texas Instruments TLE2425 Datasheet HTML 10Page - Texas Instruments TLE2425 Datasheet HTML 11Page - Texas Instruments TLE2425 Datasheet HTML 12Page - Texas Instruments TLE2425 Datasheet HTML 13Page - Texas Instruments TLE2425 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D – MARCH 1991 – REVISED APRIL 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE RESPONSE
TO INPUT VOLTAGE STEP
vs
TIME
t – Time
-ms
500
– 500
4
0
3
2
1
– 1
– 2
– 3
– 4
0
50
100
150
200
IO = 0
CL = 100 pF
TA = 25°C
VO Response
VI = 5.5 V
VI Step
VI = 4.5 V
0.1 %
0.01 %
0.1 %
VI = 4.5 V
300
450
600
750
900
1050
– 1.5 V
3
2
1
– 1
– 2
– 3
– 4
4
0
1.5 V
150
0
OUTPUT VOLTAGE RESPONSE
TO OUTPUT CURRENT STEP
vs
TIME
t – Time –
ms
0.1 %
0.1 %
0.01 %
0.01 %
VI = 5 V
CL = 100 pF
TA = 25°C
VO Response
10 mA
IO Step
0
– 10 mA
Figure 13
Figure 14
10 – 6
– 20
5
0
– 10
– 15
– 5
20
10
15
STABILITY RANGE
OUTPUT CURRENT
vs
LOAD CAPACITANCE
CL– Load Capacitance – mF
VI = 5 V
TA = 25°C
Unstable
Stable
10 – 5 10 – 4 10 – 3 10 – 2 10 – 1 10 0
10 1
10 2
OUTPUT VOLTAGE POWER-UP RESPONSE
vs
TIME
t – Time
-ms
IO = 0
CL = 100 pF
TA = 25°C
0.1 %
Input Voltage Step
Output Voltage Response
3
2
1
0
5
0
0
10
20
130
Figure 15
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com