Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2425
Description  PRECISION VIRTUAL GROUND
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2425 Datasheet(HTML) 3 Page - Texas Instruments

  TLE2425 Datasheet HTML 1Page - Texas Instruments TLE2425 Datasheet HTML 2Page - Texas Instruments TLE2425 Datasheet HTML 3Page - Texas Instruments TLE2425 Datasheet HTML 4Page - Texas Instruments TLE2425 Datasheet HTML 5Page - Texas Instruments TLE2425 Datasheet HTML 6Page - Texas Instruments TLE2425 Datasheet HTML 7Page - Texas Instruments TLE2425 Datasheet HTML 8Page - Texas Instruments TLE2425 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D – MARCH 1991 – REVISED APRIL 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics at specified free-air temperature, VI = 5 V, IO = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2425C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
Output voltage
25
°C
2.48
2.5
2.52
V
Output voltage
Full range
2.47
2.53
V
Temperature coefficient of output voltage
25
°C
20
ppm/
°C
Bias current
IO =0
25
°C
170
250
µA
Bias current
IO = 0
Full range
250
µA
VI =4 5Vto5 5V
25
°C
1.5
20
µV
Input voltage regulation
VI = 4.5 V to 5.5 V
Full range
25
µV
Input voltage regulation
VI =4Vto40V
25
°C
1.5
20
µV/V
VI = 4 V to 40 V
Full range
25
µV/V
Ripple rejection
f = 120 Hz,
∆VI(PP) = 1 V
25
°C
80
dB
‡
IO =0to 10 mA
25
°C
– 160
– 45
160
Output voltage regulation (source current)‡
IO = 0 to – 10 mA
Full range
– 250
250
µV
gg
(
)
IO = 0 to – 20 mA
25
°C
– 450
– 150
450
‡
IO =0to10mA
25
°C
– 160
15
160
Output voltage regulation (sink current)‡
IO = 0 to 10 mA
Full range
– 250
250
µV
gg
(
)
IO = 0 to 20 mA
25
°C
– 235
65
235
Long-term drift of output voltage
∆t = 1000 h,
Noncumulative
25
°C
15
ppm
Output impedance
25
°C
7.5
22.5
m
Ω
Short-circuit output current (sink current)
VO = 5 V
25
°C
30
55
mA
Short-circuit output current (source current)
VO = 0
25
°C
– 30
– 50
mA
Output noise voltage, rms
f = 10 Hz to 10 kHz
25
°C
100
µV
VO to 0.1%,
CL = 0
110
Output voltage response to output current step
O
,
IO = ± 10 mA
CL = 100 pF
25
°C
115
µs
Output voltage response to output current step
VO to 0.01%,
CL = 0
25
°C
180
µs
O
,
IO = ± 10 mA
CL = 100 pF
180
Output voltage response to input voltage step
VI = 4.5 to 5.5 V,
VO to 0.1%
25
°C
12
µs
Output voltage response to input voltage step
VI = 4.5 to 5.5 V,
VO to 0.01%
25
°C
30
µs
Output voltage turn on response
VI = 0 to 5 V,
VO to 0.1%
25
°C
125
µs
Output voltage turn-on response
VI = 0 to 5 V,
VO to 0.01%
25
°C
210
µs
† Full range is 0
°C to 70°C.
‡ The listed values are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com