Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2425
Description  PRECISION VIRTUAL GROUND
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2425 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLE2425 Datasheet HTML 7Page - Texas Instruments TLE2425 Datasheet HTML 8Page - Texas Instruments TLE2425 Datasheet HTML 9Page - Texas Instruments TLE2425 Datasheet HTML 10Page - Texas Instruments TLE2425 Datasheet HTML 11Page - Texas Instruments TLE2425 Datasheet HTML 12Page - Texas Instruments TLE2425 Datasheet HTML 13Page - Texas Instruments TLE2425 Datasheet HTML 14Page - Texas Instruments TLE2425 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D – MARCH 1991 – REVISED APRIL 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
macromodel information
*
TLE2425 OPERATIONAL AMPLIFIER “MACROMODEL” SUBCIRCUIT
*
CREATED USING PARTS RELEASE 4.03 ON 08/21/90 AT 13:51
*
REV (N/A)
SUPPLY VOLTAGE: 5 V
*
CONNECTIONS: INPUT
*
|
COMMON
*
|
|
OUTPUT
*|
|
|
.SUBCKT TLE2425
3
4
5
*
*
OPAMP SECTION
C1
11
12
21.66E – 12
C2
6
7
30.00E – 12
C3
87
0
10.64E – 9
CPSR
85
86
15.9E – 9
DCM+
81
82
DX
DCM–
83
81
DX
DC
5
53
DX
DE
54
5
DX
DLN
92
90
DX
DLP
90
91
DX
DP
4
3
DX
ECMR
84
99
(2,99) 1
EGND
99
0
POLY(2)
(3,0)
(4,0)
0
.5
.5
EPSR
85
0
POLY(1)
(3,4)
–16.22E–6 3.24E–6
ENSE
89
2
POLY(1)
(88,0) 120E–6 1
FB
7
99
POLY(6)
VB
VC
VE
VLP VLN VPSR
O
74.8E6 –10E6
10E6
10E6
+
–10E6
74E6
GA
6
0
11
12
320.4E–6
GCM
0
6
10
99
1.013E–9
GPSR
85
86
(85,86)
100E–6
GRC1
4
11
(4,11) 3.204E–4
GRC2
4
12
(4,12) 3.204E–4
GRE1
13
10
(13,10)
1.038E–3
GRE2
14
10
(14,10)
1.038E–3
HLIM
90
0
VLIM
1K
HCMR
80
1
POLY(2)
VCM+
VCM–
0
1E2 1E2
IRP
3
4
146E–6
IEE
3
10
DC
24.05E–6
IIO
2
0
.2E–9
I1
88
0
1E–21
Q1
11
89
13
QX
Q2
12
80
14
QX
R2
6
9
100.0E3
RCM
84
81
1K
REE
10
99
8.316E6
RN1
87
0
2.55E8
RN2
87
88
11.67E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com