Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C/PC256-20 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS27C/PC256-20
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C/PC256-20 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS27C/PC256-20 Datasheet HTML 3Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 4Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 5Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 6Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 7Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 8Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 9Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 10Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TMS27C256 32768 BY 8-BIT UV ERASABLE
TMS27PC256 32768 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS256H– SEPTEMBER 1984 – REVISED NOVEMBER 1997
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC Supply voltage
Read mode (see Note 2)
4.5
5
5.5
V
VCC Supply voltage
SNAP! Pulse programming algorithm
6.25
6.5
6.75
V
VPP Supply voltage
Read mode
VCC – 0.6
VCC+0.6
V
VPP Supply voltage
SNAP! Pulse programming algorithm
12.75
13
13.25
V
VIH
High level dc input voltage
TTL
2
VCC+1
V
VIH
High-level dc input voltage
CMOS
VCC – 0.2
VCC+1
V
VIL
Low level dc input voltage
TTL
– 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
– 0.5
0.2
V
TA
Operating free-air temperature
’27C256-_ _JL
’27PC256-_ _FML
0
70
°C
TA
Operating free-air temperature
’27C256-_ _JE
’27PC256-_ _FME
–40
85
°C
NOTE 2: VCC must be applied before or at the same time as VPP and removed after or at the same time as VPP. The device must not be inserted
into or removed from the board when VPP or VCC is applied.
electrical characteristics over recommended ranges of operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH High level dc output voltage
IOH = – 2.5 mA
3.5
V
VOH High-level dc output voltage
IOH = – 20 µA
VCC – 0.1
V
VOL
Low level dc output voltage
IOL = 2.1 mA
0.4
V
VOL
Low-level dc output voltage
IOL = 20 µA
0.1
V
II
Input current (leakage)
VI = 0 V to 5.5 V
±1
µA
IO
Output current (leakage)
VO = 0 V to VCC
±1
µA
IPP1 VPP supply current
VPP = VCC = 5.5 V
1
10
µA
IPP2 VPP supply current (during program pulse)
VPP = 13 V
35
50
mA
ICC1
VCC supply current
TTL-input level
VCC = 5.5 V,
E = VIH
250
500
µA
ICC1
CC
y
(standby)
CMOS-input level
VCC = 5.5 V,
E = VCC
100
250
µA
ICC2 VCC supply current (active)
VCC = 5.5 V,
E = VIL,
tcycle = minimum cycle time,
outputs open
15
30
mA
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz†
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Ci
Input capacitance
VI = 0,
f = 1 MHz
6
10
pF
Co
Output capacitance
VO = 0, f = 1 MHz
10
14
pF
† Capacitance measurements are made on a sample basis only.
‡ Typical values are at TA = 25°C and nominal voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com