Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C/PC256-20 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS27C/PC256-20
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C/PC256-20 Datasheet(HTML) 1 Page - Texas Instruments

  TMS27C/PC256-20 Datasheet HTML 1Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 2Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 3Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 4Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 5Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 6Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 7Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 8Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TMS27C256 32768 BY 8-BIT UV ERASABLE
TMS27PC256 32768 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS256H– SEPTEMBER 1984 – REVISED NOVEMBER 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Organization...32768 by 8 Bits
D Single 5-V Power Supply
D Pin Compatible With Existing 256K MOS
ROMs, PROMs, and EPROMs
D All Inputs /Outputs Fully TTL Compatible
D Max Access/Min Cycle Time
VCC ± 10%
’27C / PC256-10
100 ns
’27C / PC256-12
120 ns
’27C / PC256-15
150 ns
’27C / PC256-17
170 ns
’27C / PC256-20
200 ns
’27C / PC256-25
250 ns
D Power Saving CMOS Technology
D Very High-Speed SNAP! Pulse
Programming
D 3-State Output Buffers
D 400-mV Minimum DC Noise Immunity With
Standard TTL Loads
D Latchup Immunity of 250 mA on All Input
and Output Lines
D Low Power Dissipation (VCC = 5.5 V)
– Active... 165 mW Worst Case
– Standby... 1.4 mW Worst Case
(CMOS Input Levels)
D Temperature Range Options
D 256K EPROM Available With MIL-STD-883C
Class B High Reliability Processing
(SMJ27C256)
description
The TMS27C256 series are 32 768 by 8-bit
(262 144-bit), ultraviolet (UV) light erasable,
electrically programmable read-only memories
(EPROMs).
The TMS27PC256 series are 32 768 by 8-bit
(262 144-bit), one-time programmmable (OTP)
electrically programmable read-only memories
(PROMs).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
430
15 16 17 18 19 20
PIN NOMENCLATURE
A0 – A14
Address Inputs
DQ0 – DQ7
Inputs (programming) / Outputs
E
Chip Enable / Powerdown
G
Output Enable
GND
Ground
NC
No Internal Connection
NU
Make No External Connection
VCC
5-V Power Supply
VPP
13-V Power Supply †
J PACKAGE
( TOP VIEW )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A14
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
A8
A9
A11
NC
G
A10
E
DQ7
DQ6
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
FM PACKAGE
( TOP VIEW )
† Only in program mode
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TMS27C/PC256-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI1-TMS27C010A Datasheet
185Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-10 TI1-TMS27C010A-10 Datasheet
185Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-10JL TI1-TMS27C010A-10JL Datasheet
185Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-10JL TI-TMS27C010A-10JL Datasheet
172Kb / 13P
PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C/PC256-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C512 TI-TMS27C512 Datasheet
184Kb / 13P
TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS2708 TI-TMS2708 Datasheet
551Kb / 7P
1024-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS2716 TI-TMS2716 Datasheet
398Kb / 5P
2048-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Hitachi Semiconductor
HN27C256G HITACHI-HN27C256G Datasheet
437Kb / 6P
32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM
logo
Texas Instruments
TMS27C256-2JL TI-TMS27C256-2JL Datasheet
196Kb / 13P
TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS27PC512-20NL TI1-TMS27PC512-20NL Datasheet
198Kb / 13P
TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC512-15NL TI-TMS27PC512-15NL Datasheet
198Kb / 13P
TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-120JL TI-TMS27C256-120JL Datasheet
196Kb / 13P
TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com