Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C/PC256-20 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27C/PC256-20
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C/PC256-20 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27C/PC256-20 Datasheet HTML 4Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 5Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 6Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 7Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 8Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 9Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 10Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 11Page - Texas Instruments TMS27C/PC256-20 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TMS27C256 32768 BY 8-BIT UV ERASABLE
TMS27PC256 32768 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS256H– SEPTEMBER 1984 – REVISED NOVEMBER 1997
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended range of operating conditions
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C256-10
’27PC256-10
’27C256-12
’27PC256-12
’27C256-15
’27PC256-15
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from address
100
120
150
ns
ta(E)
Access time from chip enable
100
120
150
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74 TTL Load
55
55
75
ns
tdis
Output disable time from G or E, whichever
occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
45
0
45
0
60
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first†
f
0
0
0
ns
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C256-17
’27PC256-17
’27C256-20
’27PC256-20
’27C256-25
’27PC256-25
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from address
170
200
250
ns
ta(E)
Access time from chip enable
170
200
250
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74 TTL Load
75
75
100
ns
tdis
Output disable time from G or E, whichever
occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
0
60
0
60
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first†
f
0
0
0
ns
† Value calculated from 0.5 V delta to measured level. This parameter is only sampled and not 100% tested.
NOTES:
3. For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low) (see Figure 2).
4. Common test conditions apply for the tdis except during programming.
switching characteristics for programming: VCC = 6.50 V and VPP = 13 V (SNAP! Pulse), TA = 25°C
(see Note 3)
PARAMETER
MIN
MAX
UNIT
tdis(G)
Output disable time from G
0
130
ns
ten(G)
Output enable time from G
150
ns
NOTE 3: For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low).
timing requirements for programming
MIN
NOM
MAX
UNIT
th(A)
Hold time, address
0
µs
th(D)
Hold time, data
2
µs
tw(IPGM)
Pulse duration, initial program
95
100
105
µs
tsu(A)
Setup time, address
2
µs
tsu(G)
Setup time, G
2
µs
tsu(E)
Setup time, E
2
µs
tsu(D)
Setup time, data
2
µs
tsu(VPP)
Setup time, VPP
2
µs
tsu(VCC)
Setup time, VCC
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com