Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR36060PQC Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ZR36060PQC
Description  Integrated JPEG CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060PQC Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ZR36060PQC Datasheet HTML 28Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 29Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 30Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 31Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 32Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 33Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 34Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 35Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
30
Integrated JPEG CODEC
Target Data Code Volume Register
Address 0x00D - 0x010
TCV_DATA[31:0]: Target Data Code Volume. Used only in Auto Two-Pass (1st.
pass) and Statistical Pass. TCV_DATA is used by the ZR36060 to calculate the
new Scale Factor (SF) and Allocation Factor (AF) after the Statistical Pass. It is the
Target Code Volume in bits for the compressed data excluding the marker seg-
ments, the EOB (end-of-block) Huffman codes, the byte stuffing, and the bit stuffing
(which completes the last data byte). Byte stuffing typically represents about 1% of
the code volume.
Scale Factor Registers
Address 0x011 - 0x012
SF[15:0]: Scale Factor. It is used for scaling the quantization table values. SF
should be provided to the ZR36060 as a parameter at the beginning of every com-
pression operation. If Variable SF option is used, this register is internally
computed and updated at the end of every compression pass in order to converge
to the desired TCV. SF is a 16-bit fixed point binary number, with 8-bits after the
binary point.
Allocation Factor Registers
Address 0x013 - 0x015
AF[23:0]: Allocation Factor. AF is used to compute the Allocated Code Volume for
each block. The AF is computed by the ZR36060 and written to the AF register at
the end of the Statistical Pass. This value can later be used in a Compression Pass;
otherwise for Compression Pass without prior statistics, AF must be programmed
to 0xFFFFFF prior to the compression. AF is a 24-bit fixed point binary number,
with 19-bits after the binary point.
Accumulated Code Volume Registers
Address 0x016 - 0x019
ACV[31:0]: Accumulated Code Volume. It is a 32-bit fixed point binary number.
ACV register is used in 2 ways depending on the compression pass:
(1)
ACV_DATA: To store the Net Code Volume in bits unit excluding marker
segments, EOB codes and bit and byte stuffing at the completion of the Sta-
tistical Pass.
(2)
ACV_NET: To store the Net Code Volume in bits excluding marker
segments at the completion of every Compression Pass.
ACV_NET / 8 = number of bytes passed through the Code FIFO excluding marker
segments. It does not include the padding bytes for double-word alignment.
Accumulated Total Activity Registers
Address 0x01A - 0x01D
ACT[31:0]: Accumulated Total Activity of the image, used for ZR36060 internal
calculations. ACT is updated at the end of Statistical Pass and Auto two-pass com-
pression modes. It is a 32-bit fixed point binary number.
Accumulated Truncated Bits Registers
Address 0x01E - 0x021
ACV_TRUN[31:0]: Total number of truncated bits of the frame as a result of block
truncation in Compression Pass and Auto Two-Pass modes. ACV_TRUN is
updated at the end of these modes. It is a 32-bit fixed point binary number.
8.2 ID and Testing Registers
Identification Registers (Read Only)
Address 0x022 - 0x023
DeviceID: Hardwired to the chip device ID number (0x33).
Revision: Hardwired to the current chip revision number (0x01).
Test Control Registers
Address 0x024 - 0x025
Reserved: Reserved for test mode. Must be initialized to 0x00 for correct
operation.
0x00D
7
6
5
4
3
2
1
0
TCV_DATA[31:24]
R/W
X
default
type
0x00E
TCV_DATA[23:16]
0x00F
TCV_DATA[15:8]
0x0010
TCV_DATA[7:0]
0x011
7
6
5
4
3
2
1
0
SF[15:8] (integer part of SF)
R/W
X
default
type
0x012
SF[7:0] (fractional part of SF)
0x013
7
6
5
4
3
2
1
0
AF[23:16]
R/W
X
default
type
0x014
AF[15:8]
0x015
AF[7:0]
0x016
7
6
5
4
3
2
1
0
ACV[31:24]
R
X
default
type
0x017
ACV[23:16]
0x018
ACV[15:8]
0x019
ACV[7:0]
0x01A
7
6
5
4
3
2
1
0
ACT[31:24]
R
X
default
type
0x01B
ACT[23:16]
0x01C
ACT[15:8]
0x01D
ACT[7:0]
0x01E
7
6
5
4
3
2
1
0
ACV_TRUN[31:24]
R
X
default
type
0x01F
ACV_TRUN[23:16]
0x020
ACV_TRUN[15:8]
0x021
ACV_TRUN[7:0]
0x022
7
6
5
4
3
2
1
0
DeviceID
R
0
default
type
0
1
1
0
0
1
1
0x023
Revision
R
0
default
type
0
0
0
0
0
0
1
0x024
7
6
5
4
3
2
1
0
0
–
default
type
0x025
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com