Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR36060PQC Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ZR36060PQC
Description  Integrated JPEG CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060PQC Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ZR36060PQC Datasheet HTML 38Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 39Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 40Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 41Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 42Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 43Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 44Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 45Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 46Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
DS36060-0297
The material in this data sheet is for information only. Zoran Corporation assumes
no responsibility for errors or omissions and reserves the right to change, without
notice, product specifications, operating characteristics, packaging, etc. Zoran
Corporation assumes no liability for damage resulting from the use of information
contained in this document.
Integrated JPEG CODEC
ZR
36060
PQ
C
ORDERING INFORMATION
SCREENING KEY
PACKAGE
PART NUMBER
PREFIX
PACKAGE
SCREENING KEY
C
-
0
°C to +70°C
(VCC = 4.75V to 5.25V)
PQ - Plastic Quad Flat Pack (EIAJ)
SALES OFFICES
U.S. Headquarters
s
Zoran Corporation
2041 Mission College Blvd
Santa Clara, CA 95054 USA
Telephone: 408-986-1314
FAX: 408-986-1240
Israel Design Center
s
Zoran Microelectronics, Ltd.
Advanced Technology Center
P.O. Box 2495
Haifa, 31024 Israel
Telephone: 972-4-8551-551
FAX: 972-4-8551-550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com