Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR36060PQC Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ZR36060PQC
Description  Integrated JPEG CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060PQC Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ZR36060PQC Datasheet HTML 35Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 36Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 37Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 38Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 39Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 40Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 41Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 42Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
37
Integrated JPEG CODEC
Table 9: AC Host Interface Timing
Symbol
Parameter
Min
Max
Unit
Comment
tCAS
CS/ ADDR[1:0] setup to WR or RD falling edge
5
ns
tCAH
CS/ ADDR[1:0] hold from WR or RD rising edge
5
ns
tWDUR
WR minimum strobe pulse width
3 * tCLK
ns
tWACK
WR low to ACK assertion (low)
3 * tCLK
3 * tCLK + 10
ns
50 pF
tDS
Input Data Setup to WR rising edge
5
ns
tDH
Input Data Hold from WR rising edge
2
ns
tRDUR
RD minimum strobe pulse width
5 * tCLK
ns
tRACK
RD low to ACK assertion (low)
5 * tCLK
5 * tCLK + 10
ns
50 pF
tOPD
RD low to output data valid
4 * tCLK + 10
ns
tOH
Output Data Hold RD rising edge to data float
tCLK
2 * tCLK + 10
ns
50 pF
tREC
WR or RD rising edge to next falling edge of WR or RD
3 * tCLK
ns
tAH
WR or RD rising edge to ACK rising edge
25
ns
Figure 43. Host Interface Timing
CS
ADDR[1:0]
tCAS
WR
RD
ACK
DATA[7:0]
tCAH
tCAS
tCAH
tWDUR
tREC
tRDUR
tWACK
tAH
tDS
tDH
Host Data Valid
tOPD
tOH
tAH
tRACK
ZR36060 Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com