Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT6526P9 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ALT6526P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ALT6526P9 Datasheet HTML 1Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
DATA SHEET - Rev 2.5
07/2013
ALT6526
Table 4a: Electrical Specifications - Band 1 (2100 MHz) LTE Operation (RB = 12, START = 0, QPSK)
(+25 8C, VBATT = VCC = +3.3 V, VEN_HI = +1.8 V, VBAND0 = VBAND1 = 0 V, VEN_LO = 0 V)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VCC
VMODE
Gain
25
-
9
28.5
19
13
32.5
-
16
dB
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
E-UTRA at ± 10 MHz offset
-
-
-
-38
-41
-40
-34
-
-34
dBc
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
ACLR1 at ± 7.5 MHz offset (1)
-
-
-
-39
-40
-41
-36
-
-36
dBc
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
ACLR2 at ± 12 MHz offset
-
-
-
-60
-60
-60
-40
-
-40
dBc
+27.4 dBm
+3 dBm
+9.6 dBm
3.3 V
0.7 V
3.3 V
0 V
0 V
+1.8 V
Efficiency (1)
30.5
-
36
3.5
-
-
%
+27.4 dBm
+9.6 dBm
3.3 V
3.3 V
0 V
+1.8 V
Quiescent Current
-
40
-
mA
through VCC1 + VCC pins,
VMODE = 1.8 V
Noise in Receive Band
-
-135
-
dBm/Hz 2110 - 2170 MHz
GPS Noise
-
-137
-
dBm/Hz POUT ≤ 27.4 dBm
ISM Noise
-
-145
-
dBm/Hz POUT ≤ 27.4 dBm
Out of Band Gain
Rx Band
GPS Band
ISM Band
-
-
-
G - 2.8
G - 2.4
G - 8
-
-
-
dB
G = In-band Gain
Harmonics
2fO
3fO, 4fO
-
-
-42
-50
-30
-35
dBc
Input Impedance
-
-
2:1
VSWR
Suprious Output Level
(all spurious outputs)
-
-
-70
dBc
See note 2.
Load mismatch stress with
no permanent degradation or
failure
8:1
-
-
VSWR Applies over full operating range
Coupling factor
-
27.5
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com