Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT6526P9 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ALT6526P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ALT6526P9 Datasheet HTML 1Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
07/2013
ALT6526
Multi-Band LTE/CDMA/WCDMA/HSPA
Power Amplifier
DATA SHEET - Rev 2.5
22 Pin 5 mm x 7 mm x 0.9 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
•
LTE, WCDMA/HSPA & CDMA/EVDO
Applications
•
High Output Power
•
≥ +27.3 dBm in LTE
•
≥ +28.6 dBm in WCDMA (R99)
•
≥ +27.5 dBm in CDMA (RC1)
•
High Efficiency
•
40% in high power mode (WCDMA mode)
•
Low profile 5 mm x 7 mm x 0.9 mm package
•
2 input ports, 5 output ports, all matched to
50 Ω impedance
•
Integrated voltage regulator
•
Built-in Directional Coupler
•
Internal DC block on IN/OUT RF ports
•
Low leakage in shutdown mode
•
ESD Protection on all pins
•
RoHS-compliant package, MSL-3, 260°C
APPLICATIONS
•
LTE, WCDMA/HSPA handsets and data
devices operating in UMTS Bands 1, 2, 3, 4, 5,
8, 9,10, 18, 19, 20, 25, and 26
•
CDMA/EV-DO handsets and data devices
operating in Band Class 0, 1, 4, 6, 8, 10, 14G
and 15
PRODUCT DESCRIPTION
The ALT6526 Power Amplifier module is designed for
3G/4G handsets, smartphones, modems and modules
operating in LTE, WCDMA/HSPA and CDMA/EVDO
modes. The module includes separate InGaP HBT
amplifier chains - one to support 850/900 bands, the
other for 1700/1900/2100MHz bands. An innovative
design allows the module to switch output among
as many as 5 different frequency bands. Both the
input and output RF ports are internally matched to
50 Ω. The ALT6526 offers improved efficiency and
low quiescent current, and includes integrated daisy
chained couplers to simplify board design and layout.
ALT6526


Similar Part No. - ALT6526P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45P9 ANADIGICS-ALT6701RM45P9 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45Q7 ANADIGICS-ALT6701RM45Q7 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6702RM45P9 ANADIGICS-ALT6702RM45P9 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
More results

Similar Description - ALT6526P9

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
SKY77704 SKYWORKS-SKY77704 Datasheet
75Kb / 2P
Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band V (824-849 MHz)
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015 Datasheet
206Kb / 1P
Multi-mode (WCDMA B5 / CDMA BC0 / HSPA / LTE) 3x3mm PA Module
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
TQM766012 TRIQUINT-TQM766012 Datasheet
207Kb / 1P
Multi-mode (WCDMA B2 / CDMA BC1 / HSPA / LTE) 3x3mm PA Module
TQM776011 TRIQUINT-TQM776011 Datasheet
204Kb / 1P
Multi-mode (WCDMA B1 / CDMA BC6 / HSPA / LTE) 3x3mm PA Module
logo
ANADIGICS, Inc
AWT6521 ANADIGICS-AWT6521 Datasheet
1Mb / 19P
Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-5505 AVAGO-AJAV-5505 Datasheet
244Kb / 6P
W-CDMA/HSPA Band V Power Amplifier
AJAV-6101 AVAGO-AJAV-6101 Datasheet
178Kb / 2P
WCDMA/HSPA Band Power Amplifier
logo
Broadcom Corporation.
AJAV-6101 BOARDCOM-AJAV-6101 Datasheet
178Kb / 2P
WCDMA/HSPA Band | Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com