Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT6526P9 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ALT6526P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ALT6526P9 Datasheet HTML 1Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
DATA SHEET - Rev 2.5
07/2013
ALT6526
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
NAME
DESCRIPTION
PINPIN
NAME
DESCRIPTION
1
RFIN_HI
RF Input for
1700/1800/1900 MHz Bands
12
RFOUT_900
RF Output for 900 MHz Band
2
GND
Ground
13
RFOUT_850
RF Output for 850 MHz Band
3VBATT
Battery Voltage
14
GND
Ground
4VCC1
Supply Voltage
15
VCC
Supply Voltage
5VEN_HI
Enable Voltage for High Bands
16
VCC
Supply Voltage
6VBAND0
Low Band Select Voltage
17
VCC
Supply Voltage
7VBAND1
High Band Select Voltage
18
CPL_OUT
Coupler Output Port
8VMODE
Mode Control Voltage
19
GND
Ground
9VEN_LO
Enable Voltage for Low Bands
20
RFOUT_1900
RF Output for 1900 MHz Band
10
GND
Grounds
21
RFOUT_1700 RF Output for 1700 MHz Band
11
RFIN_LO
RF input for 850/900 MHz Bands 22
RFOUT_2100 RF Output for 2100 MHz Band
RFOUT_2100
RFOUT_1700
RFIN_HI
GND
CPLOUT
VEN_HI
VBATT
GND
22
21
20
19
18
VCC1
RFOUT_1900
1
2
3
4
5
6
7
8
9
10
11
17
16
15
14
13
12
VCC
VCC
GND
RFOUT_850
VCC
VBAND0
GND
VMODE
VBAND1
VEN_LO
RFIN_LO
RFOUT_900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com