Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836AS Datasheet(PDF) 5 Page - Analog Devices

Part # AD1836AS
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AS Datasheet(HTML) 5 Page - Analog Devices

  AD1836AS Datasheet HTML 1Page - Analog Devices AD1836AS Datasheet HTML 2Page - Analog Devices AD1836AS Datasheet HTML 3Page - Analog Devices AD1836AS Datasheet HTML 4Page - Analog Devices AD1836AS Datasheet HTML 5Page - Analog Devices AD1836AS Datasheet HTML 6Page - Analog Devices AD1836AS Datasheet HTML 7Page - Analog Devices AD1836AS Datasheet HTML 8Page - Analog Devices AD1836AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
–5–
AD1836
TIMING (continued)
Parameter
Min
Max
Unit
Comments
TDM, PACKED AUX, SLAVE MODE
tABH
ABCLK High
min
ns
tABL
ABCLK Low
min
ns
tABP
ABCLK Period
min
ns
fAB
ABCLK Freq
max
ns
tALS
LRCLK Setup
min
ns
To ABCLK Rising
tALH
LRCLK Hold
min
ns
To ABCLK Rising
tABDD
ASDATA Delay
max
ns
From ABCLK Falling
tALRDD
ASDATA Delay
max
ns
From ALRCLK Changing
(Left-Justified)
tAXDS
AAUXDATA Setup
min
ns
To AUXBCLK Rising
tAXDH
AAUXDATA Hold
min
ns
From AUXBCLK Rising
tDDS
DSDATA Setup
min
ns
To DBCLK Rising
tDDH
DSDATA Hold
min
ns
From DBCLK Rising
tDXDD
DAUXDATA Delay
max
ns
From AUXBCLK Falling
tDXDD
DAUXDATA Delay
max
ns
From AUXLRCLK Changing
(Left-Justified)
POWER SUPPLIES
Parameter
Min
Typ
Max
Unit
Supplies
Voltage, Analog and Digital
4.5
5
5.5
V
Analog Current
108
mA
Analog Current, Power-Down
47
mA
Digital Current
78
mA
Digital Current, Power-Down
1.5
mA
Dissipation
Operation, Both Supplies
930
mW
Operation, Analog Supply
540
mW
Operation, Digital Supply
390
mW
Power-Down, Both Supplies
243
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
TEMPERATURE RANGE
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
+85
°C
Storage
–65
+150
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com