Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836AS Datasheet(PDF) 8 Page - Analog Devices

Part # AD1836AS
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1836AS Datasheet HTML 4Page - Analog Devices AD1836AS Datasheet HTML 5Page - Analog Devices AD1836AS Datasheet HTML 6Page - Analog Devices AD1836AS Datasheet HTML 7Page - Analog Devices AD1836AS Datasheet HTML 8Page - Analog Devices AD1836AS Datasheet HTML 9Page - Analog Devices AD1836AS Datasheet HTML 10Page - Analog Devices AD1836AS Datasheet HTML 11Page - Analog Devices AD1836AS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–8–
FUNCTIONAL OVERVIEW
ADCs
There are four ADC channels in the AD1836, configured as two
independent stereo pairs. One stereo pair is the primary ADC and
has fully differential inputs. The second pair can be programmed
to operate in one of three possible input modes (programmed
via SPI ADC Control Register 3). The ADC section may also
operate at a sample rate of 96 kHz, with only the two primary
channels active. The ADCs include an on-board digital decima-
tion filter with 120 dB stopband attenuation and linear phase
response, operating at an oversampling ratio of 128 (for 4-channel
48 kHz operation) or 64 (for two-channel 96 kHz operation).
The primary ADC pair should be driven from a differential
signal source for best performance. The input pins of the pri-
mary ADC connect directly to internal switched capacitors. To
isolate the external driving op amp from the “glitches” caused
by the internal switched-capacitors, each input pin should be
isolated by using a series-connected external 100
Ω resistor
together with a 1 nF capacitor connected from each input to
ground. This capacitor must be of high quality; for example,
ceramic NPO or polypropylene film.
The secondary input pair can be operated in one of the follow-
ing three modes:
1. Direct differential inputs (driven the same as the primary
ADC inputs described above).
2. PGA mode with differential inputs (Figure 13). In this mode,
the PGA amplifier can be programmed using the SPI port to
give an input gain of 0 to 12 dB in 3 dB steps. External
capacitors are used after the PGA to supply filtering for the
switched-capacitor inputs.
3. Single-ended MUX/PGA mode. In this mode, two single-
ended stereo inputs are provided that can be selected using
the SPI port. Input gain can be programmed from 0 dB to
12 dB in steps of 3 dB External capacitors are used to supply
filtering for the switched-capacitor inputs.
ADC peak level information for each ADC may be read from
the SPI port through Registers 12 through 15. The data is sup-
plied as a 10-bit word with a maximum range of 0 dB to –60 dB
and a resolution of 1 dB. The registers will hold peak informa-
tion until read; after reading, the registers are reset so that new
peak information can be acquired. Refer to the register descrip-
tion for details of the format.
The voltage at the VREF pin, FILTR (~2.25 V) can be used to
bias external op amps used to buffer the input signals. This
source can be connected directly to op amp inputs but should
be buffered if it is required to drive resistive networks.
DACs
The AD1836 has six DAC channels arranged as three indepen-
dent stereo pairs, with six fully differential analog outputs for
improved noise and distortion performance. Each channel has
its own independently programmable attenuator, adjustable in
1024 linear steps. Digital inputs are supplied through three
serial data input pins (one for each stereo pair) and a common
frame (DLRCLK) and bit (DBLCK) clock. Alternatively, one
of the “packed data” modes may be used to access all six chan-
nels on a single TDM data pin.
Each set of differential output pins sits at a dc level of VREF, and
swings
±1.4 V for a 0 dB digital input signal. A single op amp
third-order external low-pass filter is recommended to remove
high-frequency noise present on the output pins, as well as to
provide differential-to-single-ended conversion. A recommended
circuit is shown in Figure 2. Note that the use of op amps with
low slew rate or low bandwidth may cause high-frequency noise
and tones to fold down into the audio band; care should be
exercised in selecting these components.
The FILTD pin should be connected to an external grounded
capacitor. This pin is used to reduce the noise of the internal
DAC bias circuitry, thereby reducing the DAC output noise. In
some cases this capacitor may be eliminated with little effect on
performance. The voltage at the VREF pin, FILTR (~2.25 V) can
be used to bias external op amps used to buffer the output signals.
4
AIN1L
AIN1R
CAPL
AIN2L
AIN2R
CAPR
OUTL1
OUTR1
OUTL2
OUTR2
OUTL3
OUTR3
FILTR
AVDD
DVDD
ODVDD
SDOUT1
SDOUT2
ABCLK
ALRCLK
MCLK
DLRCLK
DBCLK
SDIN1
SDIN2
SDIN3
RESET
CCLK
CLATCH
CDATA
COUT
ADC
SERIAL
INTERFACE
DAC
SERIAL
INTERFACE
SPI
CONTROL
PORT
DECIMATION
FILTER
48/96kHz
DECIMATION
FILTER
48kHz (MAX)
ADCI L/R
48/96kHz
ADC2L/R
48/96kHz
(MAX)
PGA
L/R
DAC 1
L/R
INTERPOLATION
FILTER
VOLUME
CONTROL
AD1836
AGND
FILTD
DGND
2
VREF
INTERPOLATION
FILTER
INTERPOLATION
FILTER
VOLUME
CONTROL
VOLUME
CONTROL
DAC 2
L/R
DAC 3
L/R
2
2
1
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com