Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836AS Datasheet(PDF) 16 Page - Analog Devices

Part # AD1836AS
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1836AS Datasheet HTML 10Page - Analog Devices AD1836AS Datasheet HTML 11Page - Analog Devices AD1836AS Datasheet HTML 12Page - Analog Devices AD1836AS Datasheet HTML 13Page - Analog Devices AD1836AS Datasheet HTML 14Page - Analog Devices AD1836AS Datasheet HTML 15Page - Analog Devices AD1836AS Datasheet HTML 16Page - Analog Devices AD1836AS Datasheet HTML 17Page - Analog Devices AD1836AS Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–16–
DAC Control Register 2
Function
Address
RD/WR
Reserved
Mute DAC
15, 14, 13, 12
11
10, 9, 8, 7, 6
543210
0001
0
00000
0 = On
0 = On
0 = On
0 = On
0 = On
0 = On
1 = Mute5
1 = Mute4
1 = Mute3
1 = Mute2
1 = Mute1
1 = Mute0
DAC Volume Registers
Function
Address
RD/WR
Reserved
Volume
15, 14, 13, 12
11
10
9:0
0010: DAC 0
0
0
0 to 1023 in 1024 Linear Steps
0011: DAC 1
0100: DAC 2
0101: DAC 3
0110: DAC 4
0111: DAC 5
ADC Control Register 1
Function
Address
RD/WR
RSVD
Filter
Power-Down
Sample Rate
Left Gain
Right Gain
15, 14, 13, 12
11
9, 10
8
7
6
5, 4, 3
2, 1, 0
1100
0
00
0 = DC
0 = Normal
0 = 48 kHz
000 = 0 dB
000 = 0 dB
1 = High-Pass
1 = PWRDWN
1 = 96 kHz
001 = 3 dB
001 = 3 dB
010 = 6 dB
010 = 6 dB
011 = 9 dB
011 = 9 dB
100 = 12 dB
100 = 12 dB
101 = Rsrvd
101 = Rsrvd
110 = Rsrvd
110 = Rsrvd
111 = Rsrvd
111 = Rsrvd
NOTE
High-Pass Filter: 3 Hz High-Pass Filter.
ADC Control Register 2
Master/Slave
SOUT
Word
ADC Mute
Address
RD/WR RSVD
AUX Mode
Mode
Width
Right
Left
Right
Left
15, 14, 13, 12 11
10
9
8, 7, 6
5, 4
3
2
1
0
1101
0
0
0 = Slave
000 = I
2S
00 = 24 Bits
0 = On
0 = On
W/Gain
W/Gain
1 = Master
001 = RJ
01 = 20 Bits
1 = Mute3 1 = Mute2 0 = On
0 = On
010 = DSP
10 = 16 Bits
1 = Mute1 1 = Mute0
011 = LJ
11 = Invalid
100 Packed 256
101 Packed 128
110 Packed
AUX
*
NOTES
*Note that Packed AUX mode affects the entire chip, including the DAC serial mode.
Packed Mode: Four channels are packed into ASDATA1 serial output.
Packed Mode 128: Refer Figure 4.
Packed Mode 256: Refer to Figure 5.
Packed AUX: Refer to Figures 8 to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com