Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836A Datasheet(PDF) 1 Page - Analog Devices

Part # AD1836A
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836A Datasheet(HTML) 1 Page - Analog Devices

  AD1836A Datasheet HTML 1Page - Analog Devices AD1836A Datasheet HTML 2Page - Analog Devices AD1836A Datasheet HTML 3Page - Analog Devices AD1836A Datasheet HTML 4Page - Analog Devices AD1836A Datasheet HTML 5Page - Analog Devices AD1836A Datasheet HTML 6Page - Analog Devices AD1836A Datasheet HTML 7Page - Analog Devices AD1836A Datasheet HTML 8Page - Analog Devices AD1836A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Preliminary Technical Data
AD1836
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Multichannel 96 kHz Codec
FUNCTIONAL BLOCK DIAGRAM
VOLUME
VOLUME
DIGITAL
FILTER
DAC
AOUT1
AOUT2
CLOCK
MCLK
COUT
VREF
FILTD
CONTROL PORT
CCLK
CDATA CLATCH
SERIAL
DATA
I/O
PORT
DIGITAL
FILTER
48/96kHz
ADC1L
48/96kHz
DIGITAL
FILTER
48/96kHz
ADC1R
48/96kHz
PGA
ADC2L
48kHz
DIGITAL
FILTER
48kHz
DLRCLK
DBCLK
DSDATA1
DSDATA2
DSDATA3
ALRCLK
ABCLK
ASDATA1
ASDATA2
AIN1L
CAPL1
AIN2L1
AIN2L2
CAPL2
CAPR1
CAPR2
AIN2R1
AIN2R2
PWRDWN/RESET
AVDD
AGND
DVDD
DGND
2
432
PGA
ADC2R
48kHz
DIGITAL
FILTER
48kHz
AIN1R
VOLUME
VOLUME
DIGITAL
FILTER
DAC
AOUT3
AOUT4
VOLUME
VOLUME
DIGITAL
FILTER
DAC
AOUT5
AOUT6
FILTR
FEATURES
5 V Multichannel Audio System
Accepts 16-/18-/20-/24-Bit Data
Supports 24 Bits and 96 kHz Sample Rate
Multibit Sigma-Delta Modulators with Data Directed
Scrambling
Data-Directed Scrambling ADCs and DACs—Least
Sensitive to Jitter
Differential Output for Optimum Performance
ADCs: –92 dB THD + N, 105 dB SNR and Dynamic Range
DACs: –95 dB THD + N, 108 dB SNR and Dynamic Range
On-Chip Volume Control with “Autoramp” Function
Programmable Gain Amplifier for ADC Input
Hardware and Software Controllable Clickless Mute
Digital De-Emphasis Processing
Supports 256
fS, 512
fS, or 768
fS Master Clock
Power-Down Mode Plus Soft Power-Down Mode
Flexible Serial Data Port with Right-Justified, Left-
Justified, I2S-Compatible and DSP Serial Port Modes
TDM Interface Mode Supports 8 In/8 Out Using a
Single SHARC® SPORT
52-Lead MQFP (PQFP) Plastic Package
GENERAL DESCRIPTION
The AD1836 is a high-performance, single-chip codec pro-
viding three stereo DACs and two stereo ADCs using ADI’s
patented multibit sigma-delta architecture. An SPI port is
included, allowing a microcontroller to adjust volume and
many other parameters. The AD1836 operates from a 5 V
supply, with provision for a separate output supply to interface
with low-voltage external circuitry. The AD1836 is available
in a 52-lead MQFP (PQFP) package.
APPLICATIONS
Home Theatre Systems
Automotive Audio Systems
DVD
Set-Top Boxes
Digital Audio Effects Processors
SHARC is a registered trademark of Analog Device, Inc.


Similar Part No. - AD1836A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1836A AD-AD1836A Datasheet
2Mb / 24P
Multichannel 96 kHz Codec
8/03-Revision 0
AD1836A AD-AD1836A Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836AAS AD-AD1836AAS Datasheet
2Mb / 24P
Multichannel 96 kHz Codec
8/03-Revision 0
AD1836AASRL AD-AD1836AASRL Datasheet
2Mb / 24P
Multichannel 96 kHz Codec
8/03-Revision 0
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
More results

Similar Description - AD1836A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
24-Bit, 96 kHz Surround Sound Codec?
logo
Analog Devices
AD1836A AD-AD1836A Datasheet
2Mb / 24P
Multichannel 96 kHz Codec
8/03-Revision 0
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com