Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R70JC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM79R70JC
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70JC Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM79R70JC Datasheet HTML 1Page - Advanced Micro Devices AM79R70JC Datasheet HTML 2Page - Advanced Micro Devices AM79R70JC Datasheet HTML 3Page - Advanced Micro Devices AM79R70JC Datasheet HTML 4Page - Advanced Micro Devices AM79R70JC Datasheet HTML 5Page - Advanced Micro Devices AM79R70JC Datasheet HTML 6Page - Advanced Micro Devices AM79R70JC Datasheet HTML 7Page - Advanced Micro Devices AM79R70JC Datasheet HTML 8Page - Advanced Micro Devices AM79R70JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
P R E L I M I N A R Y
SLIC Products
3
ORDERING INFORMATION
Standard Products
Am79R70
JC
TEMPERATURE RANGE
PACKAGE TYPE
DEVICE NUMBER/DESCRIPTION
Am79R70
Subscriber Line Interface Circuit
C = Commercial (0
°C to 70°C)*
J = 32-pin Plastic Leaded Chip Carrier (PL 032)
Note:
* Functionality of the device from 0
°C to +70°C is guaranteed by production testing.
POLARITY REVERSAL OPTION
Blank = No Polarity Reversal
–1 = Polarity Reversal
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations, to check on newly
released combinations, and to obtain additional
data on AMD’s standard military grade products.
Valid Combinations
Am79R70
JC
–1
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com