Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R70JC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79R70JC
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70JC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79R70JC Datasheet HTML 6Page - Advanced Micro Devices AM79R70JC Datasheet HTML 7Page - Advanced Micro Devices AM79R70JC Datasheet HTML 8Page - Advanced Micro Devices AM79R70JC Datasheet HTML 9Page - Advanced Micro Devices AM79R70JC Datasheet HTML 10Page - Advanced Micro Devices AM79R70JC Datasheet HTML 11Page - Advanced Micro Devices AM79R70JC Datasheet HTML 12Page - Advanced Micro Devices AM79R70JC Datasheet HTML 13Page - Advanced Micro Devices AM79R70JC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
P R E L I M I N A R Y
10
Am79R70 Data Sheet
Notes:
1. Unless otherwise noted, test conditions are BAT1 = –67 V, BAT2 = –24 V, VCC = +5 V, VNEG = –5 V, RL = 600 Ω,
RDC1 = 80 kΩ, RDC2 = 20 kΩ, RD = 75 kΩ, no fuse resistors, CHP = 0.018 µF, CDC = 1.2 µF, D1 = D2 = 1N400x,
two-wire AC input impedance (ZSL) is a 600
Ω resistance synthesized by the programming network shown below.
RSGL = open, RSGH = open, RDCR = 2 kΩ, RRT1 = 430 kΩ, RRT2 = 12 kΩ, CRT = 1.5 µF, RSLEW = 150 kΩ, CSLEW = 0.33 µF.
2. a. Overload level is defined when THD = 1%.
b. Overload level is defined when THD = 1.5%.
3. Balance return signal is the signal generated at VTX by VRX. This specification assumes that the two-wire AC load impedance
matches the programmed impedance.
4. Not tested in production. This parameter is guaranteed by characterization or correlation to other tests.
5. This parameter is tested at 1 kHz in production. Performance at other frequencies is guaranteed by characterization.
6. Group delay can be greatly reduced by using a ZT network such as that shown in Note 1 above. The network reduces the
group delay to less than 2 µs and increases 2WRL. The effect of group delay on linecard performance may also be compensated
for by synthesizing complex impedance with the QSLAC or DSLAC device.
7. Open Circuit VAB can be modified using RSGH.
8. RD must be greater than 56 kΩ. Refer to Table 2 for typical value of RLTH.
9. Lower power is achieved by switching into low-battery state in standby. Standby loop current is returned to VBAT1 regardless
of the battery selected.
Table 1. SLIC Decoding
(DET) Output
State
C3 C2 C1
2-Wire Status
E1 = 1
E1 = 0
Battery Selection
0
0
0
0
Open Circuit
Ring trip
Ring trip
B2EN
1
0
0
1
Ringing
Ring trip
Ring trip
2
0
1
0
Active
Loop detector
Ground key
3
0
1
1
On-hook TX (OHT)
Loop detector
Ground key
4
1
0
0
Tip Open
Loop detector
Ground key
B2EN = 1**
5
1
0
1
Standby
Loop detector
Ground key
VBAT1
6*
1
1
0
Active Polarity Reversal
Loop detector
Ground key
B2EN
7*
1
1
1
OHT Polarity Reversal
Loop detector
Ground key
Notes:
* Only –1 performance grade devices support polarity reversal.
** For correct ground-start operation using Tip Open, VBAT1 on-hook battery must be used.
RT2 = 150 k
Ω
CT1 = 60 pF
RT1 = 150 k
Ω
VTX
RSN
VRX
RRX = 300 k
Ω
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com