Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R70JC Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79R70JC
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70JC Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79R70JC Datasheet HTML 9Page - Advanced Micro Devices AM79R70JC Datasheet HTML 10Page - Advanced Micro Devices AM79R70JC Datasheet HTML 11Page - Advanced Micro Devices AM79R70JC Datasheet HTML 12Page - Advanced Micro Devices AM79R70JC Datasheet HTML 13Page - Advanced Micro Devices AM79R70JC Datasheet HTML 14Page - Advanced Micro Devices AM79R70JC Datasheet HTML 15Page - Advanced Micro Devices AM79R70JC Datasheet HTML 16Page - Advanced Micro Devices AM79R70JC Datasheet HTML 17Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
P R E L I M I N A R Y
SLIC Products
17
APPLICATION CIRCUIT
REVISION SUMMARY
Revision A to Revision B
•
Minor changes were made to the data sheet style and format to conform to AMD standards.
Trademarks
Copyright
© 1998 Advanced Micro Devices, All rights reserved.
AMD, the AMD logo and combinations thereof are trademarks of Advanced Micro Devices, Inc.
DSLAC and QSLAC are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
Note:
The input should be 50% duty cycle CMOS-compatible input.
I. Application Circuit
+5 V
VNEG
VCC
RD
RD
VTX
RSN
RRX
RDC2
RDC1
CDCR
RT1
RDC
–5 V
VBAT1
DET
D1
BGND
RYOUT1
HPB
HPA
RTRIP2
RTRIP1
BAT1
VBAT2
VTX
VRX
B2EN
D2
BAT2
A(TIP)
B(RING)
0.1 µF
RYOUT2
C1
C2
C3
D1
D2
E1
RDCR1
RDCR
AGND/
DGND
RSLEW
CSLEW
RINGIN
RSGH
RSGL
RSGL
RSGH
RRT1
RRT2
CRT
1.5 µF
66 k
Ω
12 k
Ω
515 k
Ω
open
50 k
Ω
50 k
Ω
15 k
Ω
150 k
Ω
0.33 µF
See Note.
250 k
Ω
0.1 µF
RYE
open
125 k
Ω
125 k
Ω
CDC
RDCR2
15 k
Ω
820 nF
CT
RT2
10 nF
Assumptions:
1. 1.25 CF
2. 25 mA ILOOP
3. 100 mA Ringing Current Limit
4. 5.2 k
Ω High Battery Loop Threshold
5. 925
Ω Ringing Loop Threshold
6. 600
Ω Two-wire Impedance,
600
Ω Z
L
BATTERY
GROUND
ANALOG
GROUND
DIGITAL
GROUND
Bat1
TISP
61089
7. G42L = 1
8. –67 V Vbat1, –24 V Vbat2
CAX = 2.2 nF
K1
K1
K2
K2
G
RFA = 50 Ω
RFB = 50 Ω
A
A
CBX = 2.2 nF
CHP
18 nF
TIP
RING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com