Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPC Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX20003CATPC
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPC Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX20003CATPC Datasheet HTML 3Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 4Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 5Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 6Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 7Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 8Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 9Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 10Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFSYNC = 0V, RFOSC = 12kΩ, TA = +25°C, unless otherwise noted.)
0
1
2
3
4
5
6
7
8
9
10
6
12
18
24
30
36
SUPPLY VOLTAGE (V)
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
toc10
3.3V/2.2MHz SKIP MODE
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
BIAS VOLTAGE
vs. TEMPERATURE
toc13
VIN = 14V, ILOAD= 0A, FPWM MODE
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
6
12
18
24
30
36
42
VIN (V)
VOUT vs. VIN
toc15
5V/2.2MHz
PWM MODE
ILOAD = 0A
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
6
12
18
24
30
36
VIN (V)
VOUT vs. VIN
toc14
5V/2.2MHz, ILOAD = 0A, FPWM MODE
10
15
20
25
30
35
40
45
50
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
SUPPLY CURRENT
vs. TEMPERATURE
toc11
3.3V/2.2MHz SKIP MODE
0
1
2
3
4
5
6
7
8
9
10
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
SHUTDOWN CURRENT
vs. TEMPERATURE
toc12
3.3V/2.2MHz SKIP MODE
Maxim Integrated │ 7
www.maximintegrated.com
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com