Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20003CATPC
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20003CATPC Datasheet HTML 1Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 2Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 3Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 4Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 5Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 6Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 7Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 8Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MAX20002
MAX20003
FOSC
OUT
FB
COMP
BIAS
BST
PGND
PGND
SPS
PGOOD
12kΩ
0.1µF
2 x 22µF
2.2µH
2.2µF
4.7µF
20.0kΩ
1,000pF
2.2µF
VOUT = 3.3V/5V
AT 3A, 2.2MHz
VBAT
Typical Application Circuit/Block Diagram
www.maximintegrated.com
Maxim Integrated │ 2
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com