Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPC Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX20003CATPC
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPC Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX20003CATPC Datasheet HTML 5Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 6Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 7Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 8Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 9Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 10Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 11Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 12Page - Maxim Integrated Products MAX20003CATPC Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PIN
NAME
FUNCTION
1
FOSC
Resistor-Programmable Switching Frequency Setting Control Input. Connect a resistor from FOSC to
AGND to set the switching frequency.
2
OUT
Switching Regulator Output. OUT also provides power to the internal circuitry when the output voltage of
the converter is set between 3V to 5V during standby mode.
3
FB
Feedback Input. Connect an external resistive divider from OUT to FB and AGND to set the output
voltage. Connect to BIAS to set the output voltage to 5V or 3.3V.
4
COMP
Error Amplifier Output. Connect an RC network from COMP to AGND for stable operation. See the
Compensation Network section for more details.
5
BIAS
Linear Regulator Output. BIAS powers up the internal circuitry. Bypass with a minimum of 2.2µF ceramic
capacitor to ground.
6
AGND
Analog Ground
7
EN
SUP Voltage-Compatible Enable Input. Drive EN low to disable the devices. Drive EN high to enable the
devices.
8, 9
SUPSW
Internal High-Side Switch Supply Input. SUPSW provides power to the internal switch. Bypass SUPSW
to PGND with a 0.1µF and 4.7µF ceramic capacitors.
10
SUP
Voltage Supply Input. SUP powers up the internal linear regulator. Bypass SUP to PGND with a 2.2µF
ceramic capacitor.
11
PGOOD
Open-Drain, PGOOD Output. PGOOD asserts when VOUT is above 95% regulation point. PGOOD goes
low when VOUT is below 92% regulation point.
16
17
18
19
4
3
2
1
20
5
10
9
8
7
6
12
13
14
15
11
MAX20002
MAX20003
LX
LX
LX
N.C.
FSYNC
SUP
SUPSW
SUPSW
EN
AGND
TQFN
(5mm x 5mm)
EP*
*EP = EXPOSED PAD
www.maximintegrated.com
Maxim Integrated │ 9
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Pin Configuration
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com