Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMT40D20HF-R63NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDMT40D20HF-R63NC
Description  Metal Hybrid Inductor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMT40D20HF-R63NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDMT40D20HF-R63NC Datasheet HTML 1Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 2Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 3Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 4Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 5Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 6Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 7Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 8Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Metal Hybrid Inductor
CDMT40D20
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 5
Ver.1.0 2016.01.21
www.sumida.com
Electrical Characteristics
Part No.
Inductance
(μH) (±30%)
※1
D.C.R (mΩ)
Typ. (Max.)
Saturation Current (A)
20
℃ ※2
Temperature Rise current (A) ※3
※4
※5
CDMT40D20HF-R27NC
0.27
5.80 (6.40)
17.20
7.50
16.80
CDMT40D20HF-R47NC
0.47
7.50 (8.30)
11.40
6.80
14.00
CDMT40D20HF-R63NC
0.63
9.40 (10.30)
10.40
6.10
11.70
CDMT40D20HF-1R0NC
1.00
13.20 (14.50)
8.70
5.40
9.60
CDMT40D20HF-1R5NC
1.50
19.50 (21.50)
7.10
4.40
7.50
CDMT40D20HF-2R2NC
2.20
28.00 (30.80)
5.60
3.50
5.50
CDMT40D20HF-3R3NC
3.30
42.00 (46.20)
4.30
3.00
4.60
CDMT40D20HF-4R7NC
4.70
59.00 (64.90)
3.70
2.50
3.50
※ 1 Measuring frequency at 100kHz 0.1V
※ 2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its
nominal value.
※ 3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40°C
(Ta=20°C).
※ 4 Measurement condition: Irms testing was performed by a product in 25°C ambient.
※ 5 Measurement condition: Irms testing was performed on copper traces in 25°C ambient.
※ Discharge static electricity before handling this coil. Take the static electricity measures to prevent deterioration of
electric characteristic
※ For only CDMT40D20HF-4R7NC will be started mass production from March 2016. Others are available for mass
production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com