Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1921 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS1921
Description  High-Resolution Thermochron iButton
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS1921 Datasheet HTML 21Page - Dallas Semiconductor DS1921 Datasheet HTML 22Page - Dallas Semiconductor DS1921 Datasheet HTML 23Page - Dallas Semiconductor DS1921 Datasheet HTML 24Page - Dallas Semiconductor DS1921 Datasheet HTML 25Page - Dallas Semiconductor DS1921 Datasheet HTML 26Page - Dallas Semiconductor DS1921 Datasheet HTML 27Page - Dallas Semiconductor DS1921 Datasheet HTML 28Page - Dallas Semiconductor DS1921 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DS1921H/Z
25 of 44
HARDWARE CONFIGURATION Figure 12
Open Drain
Port Pin
RX = RECEIVE
TX = TRANSMIT
100
Ω
MOSFET
VPUP
RX
TX
TX
RX
DATA
5µA
Typ.
BUS MASTER
DS1921 1-Wire PORT
RPUP
TRANSACTION SEQUENCE
The protocol for accessing the DS1921H/Z via the 1-Wire port is as follows:
Initialization
ROM Function Command
Memory/Control Function Command
Transaction/Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the
slave(s).The presence pulse lets the bus master know that the DS1921H/Z is on the bus and is ready to
operate. For more details, see the 1-Wire Signaling section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the seven ROM function commands. All
ROM function commands are eight bits long. A list of these commands follows (refer to flowchart in
Figure 13).
Read ROM [33h]
This command allows the bus master to read the DS1921H/Z’s 8-bit family code, temperature range code,
plus unique 36-bit serial number and 8-bit CRC. This command can only be used if there is a single slave
on the bus. If more than one slave is present on the bus, a data collision will occur when all slaves try to
transmit at the same time (open drain will produce a wired-AND result). The resultant family code and
temperature range code plus 36-bit serial number will result in a mismatch of the CRC.
Match ROM [55h]
The Match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a
specific DS1921H/Z on a multidrop bus. Only the DS1921H/Z that exactly matches the 64-bit ROM
sequence will respond to the following memory function command. All other slaves will wait for a reset
pulse. This command can be used with a single or multiple devices on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com