Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1921 Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS1921
Description  High-Resolution Thermochron iButton
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921 Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS1921 Datasheet HTML 36Page - Dallas Semiconductor DS1921 Datasheet HTML 37Page - Dallas Semiconductor DS1921 Datasheet HTML 38Page - Dallas Semiconductor DS1921 Datasheet HTML 39Page - Dallas Semiconductor DS1921 Datasheet HTML 40Page - Dallas Semiconductor DS1921 Datasheet HTML 41Page - Dallas Semiconductor DS1921 Datasheet HTML 42Page - Dallas Semiconductor DS1921 Datasheet HTML 43Page - Dallas Semiconductor DS1921 Datasheet HTML 44Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
DS1921H/Z
42 of 44
9) Voltage above which, during a rising edge on IO, a logic 1 is detected.
10) The I-V characteristic is linear for voltages less than 1V.
11)
ε represents the time required for the pull-up circuitry to pull the voltage on IO up from V
IL to
VTH.
12)
δ represents the time required for the pull-up circuitry to pull the voltage on IO up from V
IL to the
input high threshold of the bus master.
13) This number was derived from a test conducted by Cemagref in Antony, France, in July of 2000.
http://www.cemagref.fr/English/index.htm Test Report No. E42
14) The number of temperature conversions (= Samples) possible with the built-in energy source
depends on the operating and storage temperature of the device. When not in use for a mission,
the RTC oscillator should be turned off and device should be stored at a temperature not
exceeding +25°C. Under this condition the shelf life time is 10 years minimum.
15) Highlighted numbers are not in compliance with the published iButton standards. See comparison
table below.
16) These values are derived from simulation across process, voltage, and temperature and are not
production tested.
17) Total accuracy is
∆ϑ plus 1/16°C quantization due to the 1/8°C digital resolution of the device.
18) WARNING: Not for use as the sole or primary method of measuring or tracking temperature
and/or humidity in products and articles that could affect the health or safety of persons, plants,
animals, or other living organisms, including but not limited to foods, beverages, pharmaceuticals,
medications, blood and blood products, organs, flammable, and combustible products. User shall
assure that other primary and redundant methods of testing and determining the handling
methods, quality, and fitness of the articles and products should be implemented. Temperature
and/or humidity tracking with this product is recommended only as a supplemental and redundant
information source. User shall be responsible for proper use, storage, and calibration of this
product.
Standard Values
DS1921H/Z Values
Parameter
Standard Speed
Overdrive Speed
Standard Speed
Overdrive Speed
Name
min
max
min
max
min
max
min
max
tSLOT (incl. tREC)
61µs
(undef.)
7µs
(undef.)
65µs
1)
(undef.)
8µs
1)
(undef.)
tRSTL
480µs
(undef.)
48µs
80µs
540µs
640µs
48µs
80µs
tPDH
15µs
60µs
2µs
6µs
15µs
60µs
1.1µs
6µs
tPDL
60µs
240µs
8µs
24µs
60µs
270µs
7.5µs
24µs
tW0L
60µs
120µs
6µs
16µs
60µs
120µs
6µs
15µs
1) Intentional change, longer recovery time between time slots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com