Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1921 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1921
Description  High-Resolution Thermochron iButton
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1921 Datasheet HTML 1Page - Dallas Semiconductor DS1921 Datasheet HTML 2Page - Dallas Semiconductor DS1921 Datasheet HTML 3Page - Dallas Semiconductor DS1921 Datasheet HTML 4Page - Dallas Semiconductor DS1921 Datasheet HTML 5Page - Dallas Semiconductor DS1921 Datasheet HTML 6Page - Dallas Semiconductor DS1921 Datasheet HTML 7Page - Dallas Semiconductor DS1921 Datasheet HTML 8Page - Dallas Semiconductor DS1921 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
DS1921H/Z
5 of 44
1-Wire CRC GENERATOR Figure 4
X
0
X
1
X
2
X
3
X
4
X
5
X
6
X
7
X
8
Polynomial = X
8 + X5 + X4 + 1
1
st
STAGE
2
nd
STAGE
3
rd
STAGE
4
th
STAGE
6
th
STAGE
5
th
STAGE
7
th
STAGE
8
th
STAGE
INPUT DATA
MEMORY
The memory map of the DS1921H/Z is shown in Figure 5. The 4096-bit general-purpose SRAM make up
pages 0 through 15. The timekeeping, control, and counter registers fill page 16, called Register Page (see
Figure 6). Pages 17 to 19 are assigned to storing the alarm time stamps and durations. The temperature
histogram bins begin at page 64 and use up to four pages. The temperature logging memory covers pages
128 to 191. Memory pages 20 to 63, 68 to 127, and 192 to 255 are reserved for future extensions. The
scratchpad is an additional page that acts as a buffer when writing to the SRAM memory or the register
page. The memory pages 17 and higher are read-only for the user. They are written to or erased solely
under supervision of the on-chip control logic.
DS1921H/Z MEMORY MAP Figure 5
32-Byte Intermediate Storage Scratchpad
ADDRESS
0000h to
01FFh
General-Purpose SRAM (16 Pages)
Pages 0 to 15
0200h to
021Fh
32-Byte Register Page
Page 16
0220h to
027Fh
Alarm Time Stamps and Durations
Pages 17 to 19
0280h to
07FFh
(Reserved for Future Extensions)
Pages 20 to 63
0800h to
087Fh
Temperature Histogram Memory
Pages 64 to 67
0880h to
0FFFh
(Reserved for Future Extensions)
Pages 68 to 127
1000h to
17FFh
Datalog Memory (64 Pages)
Pages 128 to 191
1800h to
1FFFh
(Reserved for Future Extensions)
Pages 192 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com