Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL4200 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4200 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL4200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1-326
Absolute Maximum Ratings
(No Derating Required up to 70°C)
Storage Temperature ......................................................... -55°C to +125°C
Operating Temperature ....................................................... -40°C to +85°C
Lead Solder Temperature ..... 260°C for 10 s (1.6 mm below seating plane)
Supply Voltage – VCC ...................................................................... 0 V to 20 V
Average Input Current - II ................................................. -30 mA to 30 mA
Peak Transient Input Current - II ..................................................... 0.5 A[1]
Enable Input Voltage – VE ...................................................... -0.5 V to 20 V
Output Voltage – VO ............................................................... -0.5 V to 20 V
Average Output Current – IO .............................................................. 25 mA
Input Power Dissipation – PI ......................................................... 90 mW[2]
Output Power Dissipation – PO ................................................... 210 mW[3]
Total Power Dissipation – P ......................................................... 255 mW[4]
Infrared and Vapor Phase Reflow Temperature
(Option #300) ................................................ see Fig. 1, Thermal Profile
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
2 0
Volts
Forward Input Current
ISI
0
2.0
mA
(SPACE)
Forward Input Current
IMI
1 4
2 4
mA
(MARK)
Operating Temperature
TA
0
7 0
°C
Fan Out
N
0
4
TTL Loads
Logic Low Enable
VEL
0
0.8
Volts
Voltage
Logic High Enable
VEH
2.0
2 0
Volts
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com