Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL4200 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4200 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL4200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1-328
Switching Specifications
For 0°C
≤ T
A ≤ 70°C, 4.5 V ≤ VCC ≤ 20 V, VE = 0.8 V, all typicals at TA = 25°C and VCC = 5 V unless
otherwise noted. See note 13.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
Propagation Delay Time
tPLH
0.23
1.6
µs
VE = 0 V,
8, 9,
7
to Logic High Output Level
CL = 15 pF
1 0
Propagation Delay Time
tPHL
0.17
1.0
µs
VE = 0 V,
8, 9,
8
to Logic Low Output Level
CL = 15 pF
1 0
Propagation Delay Time
tPLH - tPHL
6 0
ns
II = 20 mA,
8, 9,
Skew
CL = 15 pF
1 0
Output Enable Time to
tPZL
2 5
ns
II = 0 mA,
12, 13,
Logic Low Level
CL = 15 pF
1 5
Output Enable Time to
tPZH
2 8
ns
II = 20 mA,
12, 13,
Logic High Level
CL = 15 pF
1 4
Output Disable Time to
tPLZ
6 0
ns
II = 0 mA,
12, 13,
Logic Low Level
CL = 15 pF
1 5
Output Disable Time to
tPHZ
105
ns
II = 20 mA,
12, 13,
Logic High Level
CL = 15 pF
1 4
Output Rise Time
tr
5 5
ns
VCC = 5 V,
8, 9,
9
(10-90%)
CL = 15 pF
1 1
Output Fall Time
tf
1 5
ns
VCC = 5 V,
8, 9,
1 0
(90-10%)
CL = 15 pF
1 1
Common Mode Transient
| C M H |
1,000 10,000
V/µs
VCM = 50 V (peak)
1 6
1 1
Immunity at Logic High
II = 12 mA,
Output Level
TA = 25°C
Common Mode Transient
| C M L |
1,000 10,000
V/µs
VCM = 50 V (peak)
1 6
1 2
Immunity at Logic Low
II = 3 mA,
Output Level
TA = 25°C
Package Characteristics
For 0°C
≤ T
A ≤ 70°C, unless otherwise specified. All typicals at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig.
Notes
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%, t = 1 min,
6, 14
Withstand Voltage*
TA = 25°C
Resistance, Input-Output
RI-O
1012
ohms
VI-O = 500 V dc
6
Capacitance, Input-Output
CI-O
1.0
pF
f = 1 MHz, VI-O = 0 V
6
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification, or HP Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com