Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL4200 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4200 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL4200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1-323
Optically Coupled 20 mA
Current Loop Receiver
Technical Data
HCPL-4200
Features
• Data Output Compatible
with LSTTL, TTL and CMOS
• 20 K Baud Data Rate at 1400
Metres Line Length
• Guaranteed Performance
over Temperature (0°C to
70°C)
• Guaranteed On and Off
Thresholds
• LED is Protected from
Excess Current
• Input Threshold Hysteresis
• Three-State Output Compat-
ible with Data Buses
• Internal Shield for High
Common Mode Rejection
• Safety Approval
UL Recognized -2500 V rms,
for 1 Minute
CSA Approved
• Optically Coupled 20 mA
Current Loop Transmitter,
HCPL-4100, Also Available
Applications
• Isolated 20 mA Current
• Loop Receiver in:
Computer Peripherals
Industrial Control Equipment
Data Communications
Equipment
Description
The HCPL-4200 optocoupler is
designed to operate as a receiver
in equipment using the 20 mA
Current Loop. 20 mA current
loop systems conventionally sig-
nal a logic high state by transmit-
ting 20 mA of loop current
(MARK), and signal a logic low
state by allowing no more than a
few milliamperes of loop current
(SPACE). Optical coupling of the
signal from the 20 mA current
loop to the logic output breaks
ground loops and provides for a
very high common mode
rejection. The HCPL-4200 aids in
the design process by providing
guaranteed thresholds for logic
high state and logic low state for
the current loop, providing an
LSTTL, TTL, or CMOS compatible
logic interface, and providing
guaranteed common mode
rejection. The buffer circuit on
the current loop side of the
HCPL-4200 provides typically 0.8
mA of hysteresis which increases
the immunity to common mode
and differential mode noise. The
buffer also provides a controlled
amount of LED drive current
which takes into account any
LED light output degradation.
The internal shield allows a
guaranteed 1000 V/µs common
mode transient immunity.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
A 0.1 µF bypass capacitor connected between pins 8 and 5 is recommended.
5965-3580E


Similar Part No. - HCPL4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
More results

Similar Description - HCPL4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
Optically Coupled 20 mA Current Loop Receiver
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com