Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2500IP Datasheet(PDF) 4 Page - Harris Corporation

Part # HIP2500IP
Description  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIP2500IP Datasheet(HTML) 4 Page - Harris Corporation

  HIP2500IP Datasheet HTML 1Page - Harris Corporation HIP2500IP Datasheet HTML 2Page - Harris Corporation HIP2500IP Datasheet HTML 3Page - Harris Corporation HIP2500IP Datasheet HTML 4Page - Harris Corporation HIP2500IP Datasheet HTML 5Page - Harris Corporation HIP2500IP Datasheet HTML 6Page - Harris Corporation HIP2500IP Datasheet HTML 7Page - Harris Corporation HIP2500IP Datasheet HTML 8Page - Harris Corporation HIP2500IP Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HIP2500
Typical Performance Curves
FIGURE 1. MAXIMUM POWER DISSIPATION vs TEMPERATURE
FIGURE 2. HIGH VOLTAGE POWER DISSIPATION vs
SWITCHING FREQUENCY
FIGURE 3. LOW VOLTAGE POWER DISSIPATION vs
FREQUENCY
FIGURE 4. VSS OFFSET vs VCC SUPPLY VOLTAGE
FIGURE 5. OFFSET SUPPLY LEAKAGE vs TEMPERATURE
FIGURE 6. MAXIMUM NEGATIVE VS OFFSET VOLTAGE vs VBS
VOLTAGE
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100110120130
AMBIENT TEMPERATURE (oC)
HIP2500-IB
HIP2500-IP1
HIP2500-IP
10
100
1000
SWITCHING FREQUENCY (kHz)
1.0
0.1
0.01
0.001
VBIAS = 15V
CL = 100pF
TA = +25
oC
VS = 400V
VS = 300V
VS = 200V
VS = 100V
10
1.0
0.1
0.01
10
100
1000
SWITCHING FREQUENCY (kHz)
2100pF
907pF
100pF
VS = VSS = COM
VBS = VCC = 15VDC
TA = +25
oC
NOTE: All switching losses assumed to be in IC.
6
4
2
0
-2
-4
10
12
14
16
SUPPLY VOLTAGE (V)
MAX VSS OFFSET
MIN VSS OFFSET
10
1.0
0.1
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
100V
200V
500V
400V
300V
10
9
8
7
6
5
4
3
2
10
11
12
13
14
15
16
17
18
BOOTSTRAP SUPPLY VOLTAGE
VCC = 15V AND 12V
TJ = +25
oC
VCC = 15V
VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com