Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2500IP Datasheet (PDF) - Harris Corporation

HIP2500IP Datasheet PDF - Harris Corporation
Part # HIP2500IP
Download  HIP2500IP Download
File Size   100.93 Kbytes
Page   9 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Half Bridge 500VDC Driver

HIP2500IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2500IP Datasheet PDF - Harris Corporation

Part # HIP2500IP
Download  HIP2500IP Click to download

File Size   100.93 Kbytes
Page   9 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Half Bridge 500VDC Driver

HIP2500IP Datasheet (HTML) - Harris Corporation


HIP2500IP Product details

Description
The HIP2500 is a high voltage integrated circuit (HVIC) optimized to drive N-Channel MOS gated power devices in half bridge topologies. It provides the necessary control for PWM motor drive, power supply, and UPS applications. The SD pin allows external shutdown of gate drive to both upper and lower gate outputs. Undervoltage lockout will not allow gating when the bias voltage is too low to drive the external switches into saturation.
   
Features
• Maximum Rating . . . . . . . . . . . . . . . . . . . . . . . . 500V
• Ability to Interface and Drive N-Channel Power Devices
• Floating Bootstrap Power Supply for Upper Rail Drive
• CMOS Schmitt-Triggered Inputs with Hysteresis and Pull-Down
• Up to 400kHz Operation
• Single Low Current Bias Supply
• Latch-Up Immune CMOS Logic
• Peak Drive. . . . . . . . . . . . . . . . . . . . . . . . . .Up to 2.0A
• Gate Drive Rise Time (+125°C) . . . . . . . < 25ns (Typ)
   
Applications
• High Frequency Switch-Mode Power Supply
• Induction Heating and Welding
• Switch Mode Amplifiers
• AC and DC Motor Drives
• Electronic Lamp Ballasts
• Battery Chargers
• UPS Inverters
• Noise Cancellation in Amplifier Systems




Similar Part No. - HIP2500IP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2500IP RENESAS-HIP2500IP Datasheet
603Kb / 9P
Half Bridge 500VDC Driver
File Number 2801.9
HIP2500IP1 RENESAS-HIP2500IP1 Datasheet
603Kb / 9P
Half Bridge 500VDC Driver
File Number 2801.9
More results


Similar Description - HIP2500IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
SP600 INTERSIL-SP600 Datasheet
74Kb / 7P
Half Bridge 500VDC Driver
July 1998
SP601 INTERSIL-SP601 Datasheet
671Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Renesas Technology Corp
HIP2500 RENESAS-HIP2500 Datasheet
603Kb / 9P
Half Bridge 500VDC Driver
File Number 2801.9
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com