Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2500IP Datasheet(PDF) 5 Page - Harris Corporation

Part # HIP2500IP
Description  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIP2500IP Datasheet(HTML) 5 Page - Harris Corporation

  HIP2500IP Datasheet HTML 1Page - Harris Corporation HIP2500IP Datasheet HTML 2Page - Harris Corporation HIP2500IP Datasheet HTML 3Page - Harris Corporation HIP2500IP Datasheet HTML 4Page - Harris Corporation HIP2500IP Datasheet HTML 5Page - Harris Corporation HIP2500IP Datasheet HTML 6Page - Harris Corporation HIP2500IP Datasheet HTML 7Page - Harris Corporation HIP2500IP Datasheet HTML 8Page - Harris Corporation HIP2500IP Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
HIP2500
FIGURE 7. UNDERVOLTAGE LOCKOUT vs TEMPERATURE
FIGURE 8. INPUT LOGIC THRESHOLD vs SUPPLY VOLTS
FIGURE 9. QUIESCENT VBS SUPPLY CURRENT vs
TEMPERATURE
FIGURE 10. RISE AND FALL TIME vs LOAD CAPACITANCE
FIGURE 11. DRIVER SINK/SOURCE V-I CHARACTERISTIC
FIGURE 12. RISE AND FALL TIME vs TEMPERATURE
Typical Performance Curves (Continued)
9.35
9.2
9.0
8.9
-40
0
40
100
140
TEMPERATURE (oC)
120
80
60
20
-20
8.95
9.05
9.1
9.15
9.25
9.3
VCC UV+
VBS UV+
VCC UV-
VBS UV-
10
8
6
4
2
6
8
10
12
14
16
18
LOGIC SUPPLY VOLTAGE (V)
TJ = -40
oC TO +125oC
VTH+
VTH-
5
(VDD TO VSS)
450
400
350
300
250
200
150
-50
0
50
100
150
JUNCTION TEMPERATURE (oC)
18V IQBS1
18V IQBS0
14V IQBS1
14V IQBS0
10V IQBS1
10V IQBS0
120
100
80
60
40
20
0
100
1000
1E4
LOAD CAPACITANCE (pF)
tF
tR
02
4
6
8
10
12
14
16
SOURCE/SINK DRAIN-SOURCE VOLTAGE
3.0
2.5
2.0
1.5
1.0
0.5
0
25
-40
125
0
25
-40
125
0
SINK DRIVER
SOURCE DRIVER
30
28
26
24
22
20
18
16
14
12
10
-50
0
50
100
150
TEMPERATURE (oC)
tF
tR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com