Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1702MT Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ICS1702MT
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702MT Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ICS1702MT Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 16Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 17Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 18Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 19Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 20Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 21Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 22Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
ICS1702
Table 12: Timing Characteristics
Timing Diagrams
Figure A:
Figure B:
t
CYCLE
tDA
tCHG
tR
tDA
CHG
DCHG
tDCHG
tR
tR
voltage
temperature
R
≈16kΩ, C≈100pF
PARAMETER
SYMBOL
REFERENCE
TYP
UNITS
Clock Frequency
1.0
MHz
Reset Pulse Duration
t
RESET
see Figure B
700
ms
Charge Pulse Width
t
CHG
see Figure A
1048
ms
Discharge Pulse Width
t
DCHG
see Figure A
5.0
ms
Rest Time
t
R
see Figure A
4.0
ms
Data Acquisition Time
t
DA
see Figure A
16.4
ms
Cycle Time
t
CYCLE
see Figure A
1077
ms
Capacitor Discharge Pulse Width
5.0
ms
Capacitor Discharge Pulse Period
100
ms
Polling Detect Pulse Width
100
ms
Polling Detect Pulse Period
624
ms
Soft Start Initial Pulse Width
200
ms
Soft Start Incremental Pulse Width
7.0
ms
Discharge Mode Pulse Width
400
ms
Discharge Mode Pulse Period
1050
ms
RESET to SEL Dynamic Reprogram Period
t
RSA
see Figure B
1160
ms
RESET to AUX Dynamic Reprogram Period
t
RSA
see Figure B
1160
ms
tRSA
tRESET
RESET
SEL0
SEL1
AUX0
AUX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com