Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1702MT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS1702MT
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702MT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS1702MT Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ICS1702
QuickSaver® Charge Controller for Nickel-Cadmium
and Nickel-Metal Hydride Batteries
General Description
The ICS1702 is a CMOS device designed for the intelligent charge
control of either nickel-cadmium (NiCd) or nickel-metal hydride
(NiMH) batteries. The controller uses a pulsed-current charging
technique together with voltage slope and/or temperature slope
termination. The ICS1702 employs a four stage charge sequence
that provides a complete recharge with-out overcharging. The
controller has nine user-selectable charge rates and six user-
selectable auxiliary modes available for customized charging
systems.
The ICS1702 monitors for the presence of a battery and begins
charging when a battery is installed. Voltage and temperature are
measured to ensure a battery is within fast charge conditions before
charge is initiated.
Applications
Battery charging systems for:
-
Portable consumer electronics
-
Power tools
-
Audio/video equipment
-
Communications equipment
-
Portable medical electronics
-
Wireless handsets
Features
•
Multiple charge termination methods include:
-
Voltage slope
-
Temperature slope
-
Maximum temperature
-
Charge timer
•
Four stage charge sequence:
-
Soft start charge
-
Fast charge
-
Topping charge
-
Maintenance charge
•
Reverse-pulse charging available in all charge stages
•
Nine programmable charge rates between 15 minutes (4C) and
four hours (C/4)
•
Out-of-temperature range detection
-
Hot battery: charger shutdown
-
Cold battery: low current charge
•
Continuous polling mode for battery detection
•
Six auxiliary modes include:
-
Discharge-before-charge
-
Ten hour C/10 conditioning charge
-
Direct to C/40 maintenance charge
-
Charging system test provided through controller
• Adjustable open circuit (no battery) voltage reference
Block Diagram
CHARGE
DISCHARGE
TEMPERATURE
SENSE
SELECT
CHARGE
VOLTAGE
SENSE
MODE SELECT
OPEN CIRCUIT
REFERENCE
PROCESSOR
MICROCODE CONTROL
ADC
RAM
ROM
OUTPUT
CONTROL
0.5V
HOT
COLD
RESET
TERMINATION
SELECT
TEMPERATURE
STATUS LED
CHARGE
MODE LED
MAINTENANCE
MODE LED
POLLING
MODE LED
CONTROL
CONTROL
RC
OSCILLATOR
QuickSaver
®
® is a registered trademark of Galaxy Power, Inc.


Similar Part No. - ICS1702MT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AM ETC-ICS1700AM Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AMT ETC-ICS1700AMT Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AN ETC-ICS1700AN Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AS ETC-ICS1700AS Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
More results

Similar Description - ICS1702MT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
List of Unclassifed Man...
ICS1708 ETC-ICS1708 Datasheet
936Kb / 16P
QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Panasonic Battery Group
HHR60AAAH PANASONICBATTERY-HHR60AAAH Datasheet
28Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR120AA PANASONICBATTERY-HHR120AA Datasheet
24Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR210AH PANASONICBATTERY-HHR210AH Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR300SCP PANASONICBATTERY-HHR300SCP Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR380A PANASONICBATTERY-HHR380A Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com