Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1702MT Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ICS1702MT
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702MT Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ICS1702MT Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 16Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 17Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 18Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 19Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 20Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
ICS1702
Data Tables
Table 9: Absolute Maximum Ratings
Power: VDD Pin
The power supply for the device must be connected to the VDD
pin. The voltage should be +5 VDC and should be supplied to the
part through a regulator that has good noise rejection and an
adequate current rating. The controller requires up to a maximum
of 11mA with VDD=5.00V.
Figure 14: Open Circuit Reference Example
Grounding: VSS, AVSS Pins
There are two ground pins. Both pins must be connected together
at the device. This point must have a direct connection to a solid
ground plane.
Supply Voltage
6.5
V
Logic Input Levels
-0.5 to V
DD + 0.5
V
Ambient Operating Temperature
0 to 70
°C
Storage Temperature
-55 to 150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only.
Functional operation of the device at the Absolute Maximum Ratings or other conditions not consistent with the characteristics shown in this
document is not recommended. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
+ 5 V
R4 = 1.3k
R3 = 2.2k
R1 = 10k
R2 = 2k
6 cells
+
-
VIN =
OPREF = 1.86V
current source
(open circuit voltage = 12V)
{
1.60V (battery present)
2.00V (no battery)
(9.6 V)
Resistor divider at the OPREF pin
Resistor divider at the VIN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com