Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3101 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3101
Description  Half-Bridge FredFet and Integrated Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3101 Datasheet(HTML) 3 Page - International Rectifier

  IR3101 Datasheet HTML 1Page - International Rectifier IR3101 Datasheet HTML 2Page - International Rectifier IR3101 Datasheet HTML 3Page - International Rectifier IR3101 Datasheet HTML 4Page - International Rectifier IR3101 Datasheet HTML 5Page - International Rectifier IR3101 Datasheet HTML 6Page - International Rectifier IR3101 Datasheet HTML 7Page - International Rectifier IR3101 Datasheet HTML 8Page - International Rectifier IR3101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IR3101
www.irf.com
3
MOSFET Characteristics
VBIAS (VCC, VB) = 15V and TA = 25oC unless otherwise specified. The VDD parameter is referenced to COM.
Symbol
Definition
Min.
Typ
Max.
Units Conditions
V(BR)DSS
Drain-to-Source breakdown
voltage
500
-
-
V
VIN=0V, ID=250µA
IDSS
Drain-to-Source leakage
current
-
-
50
µA
VDS=500V, VIN=0V
RDS(on)
Static drain-to-source on
resistance
-
0.8
1.0
Ω
ID = 1.5A
VSD
Diode forward voltage
-
0.82
0.9
V
ID = 1.5A, VIN=0V
RDS(on)
Static drain-to-source on
resistance
-
1.7
2.0
Ω
ID = 1.5A, TJ=125°C
VSD
Diode forward voltage
-
0.70
0.79
V
ID = 1.5A, VIN=0V, TJ=125°C
EON
Turn-On energy losses
-
100
135
µJ
EOFF
Turn-Off energy losses
-
5
10
µJ
EREC
Body-Diode reverse recovery
Llosses
-
10
20
µJ
tRR
Reverse recovery time
-
105
180
ns
EON
Turn-On energy losses
-
150
205
µJ
EOFF
Turn-Off energy losses
-
10
17
µJ
EREC
Body-Diode reverse recovery
Llosses
-
15
35
µJ
tRR
Reverse recovery time
-
130
230
ns
Coss
Output capacitance
-
-
100
pF
VIN=0V, VDD=30V, f=1MHz
IF = 1.5A
VCC = 300V
di/dt = 200A/
µs
TJ=125°C
IF = 1.5A
VCC = 300V
di/dt = 200A/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com