Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3101 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3101
Description  Half-Bridge FredFet and Integrated Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3101 Datasheet(HTML) 2 Page - International Rectifier

  IR3101 Datasheet HTML 1Page - International Rectifier IR3101 Datasheet HTML 2Page - International Rectifier IR3101 Datasheet HTML 3Page - International Rectifier IR3101 Datasheet HTML 4Page - International Rectifier IR3101 Datasheet HTML 5Page - International Rectifier IR3101 Datasheet HTML 6Page - International Rectifier IR3101 Datasheet HTML 7Page - International Rectifier IR3101 Datasheet HTML 8Page - International Rectifier IR3101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IR3101
2
www.irf.com
Internal Electrical Schematic - IR3101
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions.
IC Driver
V
o
V
DD
V
B
V
CC
H
IN
L
IN
V
SS
COM
9
11
8
1
2
3
5
6
Figure 1: Internal connections
Note 3: Care should be taken to avoid switching condition where the VO node flies inductively below COM by more than
5V
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VO + 10
VO + 20V
V
VDD
High voltage supply
-
450
V
VCC
Low side and logic fixed supply voltage
10
20
V
VIN
Logic input voltage
VSS
VCC
V
VSS
Logic ground
-5
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com