Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3101 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3101
Description  Half-Bridge FredFet and Integrated Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3101 Datasheet(HTML) 1 Page - International Rectifier

  IR3101 Datasheet HTML 1Page - International Rectifier IR3101 Datasheet HTML 2Page - International Rectifier IR3101 Datasheet HTML 3Page - International Rectifier IR3101 Datasheet HTML 4Page - International Rectifier IR3101 Datasheet HTML 5Page - International Rectifier IR3101 Datasheet HTML 6Page - International Rectifier IR3101 Datasheet HTML 7Page - International Rectifier IR3101 Datasheet HTML 8Page - International Rectifier IR3101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
Features
• Output power FredFets in half-bridge configuration
• High side gate drive designed for bootstrap operation
• Bootstrap diode integrated into package.
• Lower power level-shifting circuit
• Lower di/dt gate drive for better noise immunity
• Excellent latch immunity on all inputs and outputs
• ESD protection on all leads
• Isolation 1500 V
RMS min
IR3101
Series
1.6A, 500V
Half-Bridge FredFet
and Integrated Driver
Description
IR3101 is a gate driver IC integrated half bridge FredFET designed for sub 250W (heat-sink-less) motor drive
applications. The sleek and compact single-in-line package is optimized for electronic motor control in
appliance applications such as fans and compressors for refrigerators. The IR3101 offers an extremely
compact, high performance half-bridge inverter, in a single isolated package for a very simple design for two-
phase and three-phase motor drivers.
Proprietary HVIC and latch immune CMOS technologies, along with the HEXFET® power FredFET®
technology (HEXFET® with ultra-fast recovery body diode characteristics), enable efficient and rugged
single package construction. Propagation delays for the high and low side power FredFETs are matched
thanks to the advance IC technology.
PD-95807 RevB
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation are measured under
board mounted and still air conditions.
Note 1: under normal operational conditions: both power devices working, no heatsink
Note 2: see figure 4, fPWM=20kHz
Parameters
Max. Values
Units
VDD
500
V
VB
Vo + 25
V
PD
5.8
W
RthJC
12
°C/W
RthJA
85
°C/W
VISO
1500
VRMS
TJ
-40 to +150
°C
TS
-40 to +150
°C
TL
300
°C
IO
1.6
A
(TC = 100°C)
1.3
A
(TC = 25°C)
2
A
IO
Continuous output current (VIN=5V, VCC=15V)
Description
High voltage supply
High side floating supply
Package power dissipation @ TC
≤ 80oC (per die)
Thermal resistance, junction to case
Thermal resistance, junction to ambient (note 1)
Isolation Voltage (1 min)
Junction temperature (Power Mosfet)
Storage temperature
Lead temperature (soldering, 10 seconds)
Maximum current rating (note 2)


Similar Part No. - IR3101

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
Half-Bridge FredFET and Integrated Driver
More results

Similar Description - IR3101

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
Half-Bridge FredFET and Integrated Driver
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com